Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation EC9219 Datasheet HTML 11Page - E-CMOS Corporation EC9219 Datasheet HTML 12Page - E-CMOS Corporation EC9219 Datasheet HTML 13Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 9 / 14
2009/09/29
Typical Operating Circuit
The EC9219 Typical Operating Circuit (Figure 2) is a complete power-supply system for TFT LCDs. The
circuit generates a +9.6V source-driver supply and +18V and -6V gate-driver supplies. The input voltage
range for the IC is from +2.6V to +5.5V. The listed load currents in Figure 1 are available from a +4.5V to
+5.5V supply. Typical Operating Circuit recommended components,.
Applications Information
The EC9219 is a high frequency, high efficiency boost regulator operated at constant frequency PWM
mode. The boost converter stores energy from an input voltage source and deliver it to a higher output
voltage. The input voltage range is 2.6V to 5.5V and output voltage range is 5V to 18V The switching
frequency is selectable between 640KHz and 1.2MHz allowing smaller inductors and faster transient
response. An external compensation pin gives the user greater flexibility in setting output transient
response and tighter load regulation. The converter soft-start characteristic can also be controlled by
external C08 capacitor. The SHDN pin allows the user to completely shut-down the device.
Main Step-Up Regulator
The main step-up regulator employs a current-mode, fixed-frequency PWM architecture to maximize loop
bandwidth and provide fast transient response to pulsed loads typical of TFT-LCD panel source drivers.
The 1.2MHz switching frequency allows the use of low profile inductors and ceramic capacitors to
minimize the thickness of LCD panel designs. The integrated high-efficiency MOSFET and soft-start
function controls inrush currents. The output voltage can be set from VIN to 13V with an external resistive
voltage-divider. The regulator controls the output voltage and the power delivered to the output by
modulating the duty cycle (D) of the internal power MOSFET in each switching cycle. The duty cycle of the
MOSFET is approximated by:
MAIN
IN
MAIN
V
V
V
D
−
=
Figure 1 shows the Functional Diagram of the step-up regulator. An error amplifier compares the signal at
FB to 1.228V and changes the COMP output. The voltage at COMP sets the peak inductor current. As the
load varies, the error amplifier sources or sinks current to the COMP output accordingly to produce the
inductor peak current necessary to service the load. To maintain stability at high duty cycles, a
slope-compensation signal is summed with the current-sense signal. On the rising edge of the internal
clock, the controller sets a flip-flop, turning on the n-channel MOSFET and applying the input voltage
across the inductor. The current through the inductor ramps up linearly, storing energy in its magnetic field.
Once the sum of the current-feedback signal and the lope compensation exceeds the COMP voltage, the
controller resets the flip-flop and turns off the MOSFET. Since the inductor current is continuous, a
transverse potential develops across the inductor that turns on the diode (D1). The voltage across the
inductor then becomes the difference between the output voltage and the input voltage. This discharge
condition forces the current through the inductor to ramp back down, transferring the energy stored in the
magnetic field to the output capacitor and the load. The MOSFET remains off for the rest of the clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com