Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC9219 Datasheet HTML 1Page - E-CMOS Corporation EC9219 Datasheet HTML 2Page - E-CMOS Corporation EC9219 Datasheet HTML 3Page - E-CMOS Corporation EC9219 Datasheet HTML 4Page - E-CMOS Corporation EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 2 / 14
2009/09/29
NAME
Function
OUT Operational-Amplifier Output
IN + Operational-Amplifier Non-inverting Input
SGND Analog ground.
Comp
Compensation pin. Output of the internal error amplifier. Capacitor and resistor from COMP pin to ground.
FB
Voltage feedback pin. Internal reference is 1.228V nominal. Connect a resistor divider from VOUT. VOUT =1.228V (1 + R3 / R8). See Typical
Application Circuit.
/SD
Shutdown control pin. Pull SHDN low to turn off the device, and Soft-start Internal reference voltage control pin, Connect RC Delay circuit.
PGND Power ground.
LX
Switch Pin. Connect the inductor/catch diode to LX and minimize the trace area for lowest EMI.
Vin
Analog power supply input pin.
Freq
Frequency Select Input. When FREQ is low, the oscillator frequency is set to 640kHz. When FREQ is high the frequency is 1.2MHz.
SS
Soft-start control pin. Connect a capacitor to control the converter start-up.
Operational-Amplifier Power Input. Positive supply rail for the operational amplifiers.
SUP
Typically connected to DC-DC converter Output. Bypass SUP to SGND with a 0.1µF capacitor.
NC
IN -
Operational-Amplifier Inverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com