Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 8 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 8 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 4Page - E-CMOS Corporation EC9219 Datasheet HTML 5Page - E-CMOS Corporation EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation EC9219 Datasheet HTML 11Page - E-CMOS Corporation EC9219 Datasheet HTML 12Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 8 / 14
2009/09/29
Load-Transient Response
SWITCHING WAVEFORM
CH2: Output Voltage,AC-Coupled
CH1:Output Voltage,AC-Coupled
CH3:Load Current
Ch3:Inductor Current
Vin=3.3V,Vout=10V,Freq=640KHz
Ch2:LX Switching Waveform
Figure 7. Start-up Waveform with Soft-start
Vin=3.3V,Vout=10V,Iout=200mA,Freq=640KHz,L=10uH
Operational-Amplifier RAIL-TO-RAIL INPUT/OUTPU
Operational-Amplifier Large-Signal Step Response
CH1: Input signal
CH1: Input signal
CH2:Output signal
CH2:Output signal
VSUP:12V,RL:2K,CL:100P
VSUP:12V,RL:2K,CL:100P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com