Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 12 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 12 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation EC9219 Datasheet HTML 11Page - E-CMOS Corporation EC9219 Datasheet HTML 12Page - E-CMOS Corporation EC9219 Datasheet HTML 13Page - E-CMOS Corporation EC9219 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 12 / 14
2009/09/29
Input-Capacitor Selection
The input capacitor (CIN) reduces the current peaks drawn from the input supply and reduces noise
injection into the IC. A 10μF ceramic capacitor is used in the Typical Applications Circuit (Figure 2)
because of the high source impedance seen in typical lab setups. Actual applications usually have much
lower source impedance since the step-up regulator often runs directly from the output of another
regulated supply. Typically, CIN can be reduced below the values used in the Typical Applications Circuit.
Ensure a low-noise supply at VIN by using adequate CIN. Alternately, greater voltage variation can be
tolerated on CIN if VIN is decoupled from CIN using an RC low-pass filter.
Rectifier Diode
The EC9219s’ high switching frequency demands a high-speed rectifier. Schottky diodes are recommended for
most applications because of their fast recovery time and low forward voltage. In general, a 2A Schottky diode
complements the internal MOSFET well.
Output-Voltage Selection
The output voltage of the main step-up regulator can be adjusted by connecting a resistive voltage-divider
from the output (VMAIN) to AGND with the center tap connected to FB (see Figure 2). Select R2 in the
10kΩ to 50kΩ range. Calculate R1 with the following equation:
1)
-
V
Vmain
(
R8
R3
FB
×
=
where VFB, the step-up regulator’s feedback set point, is 1.228V. Place R3 and R8 close to the IC.
Loop Compensation
The EC9219 incorporates an trans conductance amplifier in its feedback path to allow the user some
adjustment on the transient response and better regulation. The EC9219 uses current mode control
architecture which has a fast current sense loop and a slow voltage feedback loop. The fast current
feedback loop does not require any compensation. The slow voltage loop must be compensated for stable
operation. The compensation network is a series RC network from COMP pin to ground. The resistor sets
the high frequency integrator gain for fast transient response and the capacitor sets the integrator zero to
ensure loop stability. For most applications, the compensation resistor in the range of 10K to 100K and the
compensation capacitor in the range of 1nF to 0.22uF.
PC Board Layout and Grounding
Careful PC board layout is important for proper operation. Use the following guidelines for good PC board
layout:
Minimize the area of high-current loops by placing the inductor, the output diode, and the output
capacitors near the input capacitors and near the LX and PGND pins. The high-current input loop goes
from the positive terminal of the input capacitor to the inductor, to the IC’s LX pin, out of PGND, and to
the input capacitor’s negative terminal. The high-current output loop is from the positive terminal of the
input capacitor to the inductor, to the output diode (D5), and to the positive terminal of the output
capacitors, reconnecting between the output capacitor and input capacitor ground terminals. Connect
these loop components with short, wide connections. Avoid using vias in the high-current paths. If vias
are unavoidable, use many vias in parallel to reduce resistance and inductance.
Create a power-ground island (PGND) consisting of the input and output capacitor grounds, PGND pin,
and any charge-pump components. Connect all of these together with short, wide traces or a small
ground plane. Maximizing the width of the power-ground traces improves efficiency and reduces output
voltage ripple and noise spikes. Create an analog ground plane (SGND) consisting of the SGND pin, all
the feedback-divider ground connections, the COMP and SS capacitor ground connections. Connect
the SGND and PGND islands. Make no other connections between these separate ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com