Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation EC9219 Datasheet HTML 11Page - E-CMOS Corporation EC9219 Datasheet HTML 12Page - E-CMOS Corporation EC9219 Datasheet HTML 13Page - E-CMOS Corporation EC9219 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 11 / 14
2009/09/29
I2R is a registered trademark of Instruments for Research and Industry, Inc.
Choose an available inductor value from an appropriate inductor family. Calculate the maximum DC input
current at the minimum input voltage (VIN(MIN)) using conservation of energy and the expected efficiency at that
operating point (
MIN) taken from the appropriate curve in the Typical Operating Characteristics:
Calculate the ripple current at that operating point and the peak current required for the inductor:
The inductor’s saturation current rating and the EC9219s’ LX current limit (ILIM) should exceed IPEAK,
and the inductor’s DC current rating should exceed IIN(DC,MAX). For good efficiency, choose an
inductor with less than 0.1Ω series resistance. Considering the Typical Operating Circuit, the maximum
load current (IMAIN(MAX)) is 500mA with a 13V output and a typical input voltage of 5V. Choosing an ICR
of 0.5 and estimating efficiency of 85% at this operating point:
Using the circuit’s minimum input voltage (4.5V) and estimating efficiency of 80% at that operating point:
The ripple current and the peak current are:
Output-Capacitor Selection
The total output voltage ripple has two components: the capacitive ripple caused by the charging and
discharging of the output capacitance, and the ohmic ripple due to the capacitor’s equivalent series
resistance (ESR).
where IPEAK is the peak inductor current (see the Inductor Selection section). For ceramic capacitors, the
output voltage ripple is typically dominated by VRIPPLE(C). The voltage rating and temperature
characteristics of the output capacitor must also be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com