Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC9219 Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC9219
Description  TFT- LCD DC-DC Converters with Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9219 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC9219 Datasheet HTML 6Page - E-CMOS Corporation EC9219 Datasheet HTML 7Page - E-CMOS Corporation EC9219 Datasheet HTML 8Page - E-CMOS Corporation EC9219 Datasheet HTML 9Page - E-CMOS Corporation EC9219 Datasheet HTML 10Page - E-CMOS Corporation EC9219 Datasheet HTML 11Page - E-CMOS Corporation EC9219 Datasheet HTML 12Page - E-CMOS Corporation EC9219 Datasheet HTML 13Page - E-CMOS Corporation EC9219 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TFT- LCD DC-DC Converters with Operational Amplifiers
EC9219
P 10 / 14
2009/09/29
Operational Amplifiers
The EC9219 has one operational amplifier. The operational amplifiers are typically used to drive the LCD
backplane (VCOM) or the gamma-correction divider string. They feature 150mA output current, 17V/µs
slew rate, and 12MHz bandwidth. The rail-to-rail input and output capability maximizes system flexibility.
Frequency Selection
The EC9219’s frequency can be user selected to operate at either 640kHz or 1.2MHz. Tie FREQ to GND for
640kHz operation. For a 1.2MHz switching frequency, tie FREQ to VIN.
Under voltage Lockout (UVLO)
The under voltage-lockout (UVLO) circuit compares the input voltage at VIN with the UVLO threshold to
ensure the input voltage is high enough for reliable operation. The 100mV (typ) hysteresis prevents supply
transients from causing a restart. Once the input voltage exceeds the UVLO rising threshold, startup
begins. When the input voltage falls below the UVLO falling threshold, the controller turns off the main
step-up regulator, turns off the outputs, and disables the switch control block; the operational amplifier
outputs are high impedance.
Thermal-Overload Protection
Thermal-overload protection prevents excessive power dissipation from overheating the EC9219. When
the junction temperature exceeds TJ = +135℃, a thermal sensor immediately activates the fault protection,
which shuts down all outputs except the reference, allowing the device to cool down. Once the device
cools down by approximately 30℃, and reactivate the device. The thermal-overload protection protects the
controller in the event of fault conditions. For continuous operation, do not exceed the absolute maximum
junction temperature rating of TJ = +125℃.
Design Procedure Main Step-Up Regulator Inductor Selection
The minimum inductance value, peak current rating, and series resistance are factors to consider when
selecting the inductor. These factors influence the converter’s efficiency, maximum output load capability,
transient-response time, and output voltage ripple. Size and cost are also important factors to consider.
The maximum output current, input voltage, output voltage, and switching frequency determine the
inductor value. Very high inductance values minimize the current ripple and therefore reduce the peak
current, which decreases core losses in the inductor and RL losses in the entire power path. However,
large inductor values also require more energy storage and more turns of wire, which increases size and
can increase winding resistance losses in the inductor. Low inductance values decrease the size but
increase the current ripple and peak current. Finding the best inductor involves choosing the best
compromise between circuit efficiency, inductor size, and cost. The equations used here include a
constant ICR(Inductor current ripple rate), which is the ratio of the inductor peak-to-peak ripple current to
the average DC inductor current at the full load current. The best trade-off between inductor size and
circuit efficiency for step-up regulators generally has an ICR between 0.3 and 0.5. However, depending on
the AC characteristics of the inductor core material and ratio of inductor resistance to other power-path
resistances, the best ICR can shift up or down. If the inductor resistance is relatively high, more ripple can
be accepted to reduce the number of turns required and increase the wire diameter. If the inductor
resistance is relatively low, increasing inductance to lower the peak current can decrease losses
throughout the power path. If extremely thin high-resistance inductors are used, as is common for
LCD-panel applications, the best ICR can increase to between 0.5 and 1.0. Once a physical inductor is
chosen, higher and lower values of the inductor should be evaluated for efficiency improvements in typical
operating regions. Calculate the approximate inductor value using the typical input voltage (VIN), the
maximum output current (IMAIN(MAX)), the expected efficiency (
η TYP) taken from an appropriate curve
in the Typical Operating Characteristics section, and an estimate of ICR based on the above discussion:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com