Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 2Page - E-CMOS Corporation ECT25S32 Datasheet HTML 3Page - E-CMOS Corporation ECT25S32 Datasheet HTML 4Page - E-CMOS Corporation ECT25S32 Datasheet HTML 5Page - E-CMOS Corporation ECT25S32 Datasheet HTML 6Page - E-CMOS Corporation ECT25S32 Datasheet HTML 7Page - E-CMOS Corporation ECT25S32 Datasheet HTML 8Page - E-CMOS Corporation ECT25S32 Datasheet HTML 9Page - E-CMOS Corporation ECT25S32 Datasheet HTML 10Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 6 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
SPI Operation
Standard SPI Instructions
The ECT25S32 features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (/CS), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are
supported. Input data is latched on the rising edge of SCLK and data shifts out on the falling edge
of SCLK.
Dual SPI Instructions
The ECT25S32 supports Dual SPI operation wh
en using the “Dual Output Fast Read” and “Dual
I/O Fast Read” (3BH and BBH) instructions. These instructions allow data to be transferred to or
from the device at two times the rate of the standard SPI. When using the Dual SPI instruction the
SI and SO pins become bidirectional I/O pins: IO0 and IO1.
Quad SPI Instructions
The ECT25S32
supports Quad SPI operation when using the “Quad Output Fast Read”,“Quad I/O
Fast
Read” (6BH, EBH) instructions. These instructions allow data to be transferred t-o or from
the device at four times the rate of the standard SPI. When using the Quad SPI instruction the SI
and SO pins become bidirectional I/O pins: IO0 and IO1, and /WP and /HOLD pins become IO2
and IO3. Quad SPI instructions require the non-volatile Quad Enable bit (QE) in Status Register-2
to be set.
Operation Features
Supply Voltage
Operating Supply Voltage
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified
[VCC(min), VCC(max)] range must be applied (see operating ranges). In order to secure a stable DC supply
voltage, it is recommended to decouple the VCC line with a suitable capacitor (usually of the order of 10 nF to
100 nF) close to the VCC/VSS package pins.
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a Write
instruction, until the completion of the internal write cycle (tW).
Power-up Conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this time, the Chip
Select (/CS) line is not allowed to float but should follow the
VCC voltage, it is therefore recommended to
connect the /CS line to VCC via a suitable pull-up resistor.
In addition, the Chip Select (/CS) input offers a built-in safety feature, as the /CS input is edge sensitive as
well as level sensitive: after power-up, the device does not become selected until a falling edge has first been
detected on Chip Select (/CS). This ensures that Chip Select (/CS) must have been High, prior to going Low to
start the first operation.
Device Reset
In order to prevent inadvertent Write operations during power-up (continuous rise of VCC), a power
on
reset
(POR) circuit is included. At Power-up, the device does not respond to any instruction until
VCC
has
reached
the
power
on
reset
threshold voltage(this threshold is lower than the minimum VCC operating
voltage defined in operating ranges). When VCC has passed the POR threshold, the device is reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com