Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 6Page - E-CMOS Corporation ECT25S32 Datasheet HTML 7Page - E-CMOS Corporation ECT25S32 Datasheet HTML 8Page - E-CMOS Corporation ECT25S32 Datasheet HTML 9Page - E-CMOS Corporation ECT25S32 Datasheet HTML 10Page - E-CMOS Corporation ECT25S32 Datasheet HTML 11Page - E-CMOS Corporation ECT25S32 Datasheet HTML 12Page - E-CMOS Corporation ECT25S32 Datasheet HTML 13Page - E-CMOS Corporation ECT25S32 Datasheet HTML 14Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Status Register Protect Table
Table 5. Status Register protect table
Notes:
1.When SRP1, SRP0= (1, 0), a Power-Down, Power-Up cycle will change SRP1, SRP0 to (0, 0) state.
2.The One time Programfeature is available upon special order.
Write Protect Features
1.Software Protection: The Block
Protect (SEC, TB, BP2, BP1, BP0) bits define the section of the
memory array that can be read but not change.
2.Hardware Protection: /WP going low to protected the BP0~SEC bits and SRP0~1 bits.
3.Deep Power-Down: In Deep Power-Down Mode,all instructions are ignored except the Release from
deep Power-Down Mode instruction.
4.Write Enable: The Write Enable Latch(WEL) bit must be set prior to every Page Program, Sector Erase,
Block Erase, Chip Erase, Write Status Register and Erase/Program Security Registers instruction.
SRP1
SRP0
/WP
Status Register
Description
0
0
X
Software
Protected
The Status Register can be written to after a Write
Enable instruction, WEL=1.(Factory Default)
0
1
0
Hardware
Protected
/WP=0, the Status Register locked and cannot be
written.
0
1
1
Hardware
Unprotected
/WP=1, the Status Register is unlocked and can be
written to after a Write Enable instruction, WEL=1.
1
0
X
Power Supply
Lock-Down(1)
Status Register is protected and cannot be written
to again until the next Power-Down, Power-Up
cycle.
1
1
X
One Time
Program(2)
Status Register is permanently protected and
cannot be written to.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com