Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 15 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 15 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 11Page - E-CMOS Corporation ECT25S32 Datasheet HTML 12Page - E-CMOS Corporation ECT25S32 Datasheet HTML 13Page - E-CMOS Corporation ECT25S32 Datasheet HTML 14Page - E-CMOS Corporation ECT25S32 Datasheet HTML 15Page - E-CMOS Corporation ECT25S32 Datasheet HTML 16Page - E-CMOS Corporation ECT25S32 Datasheet HTML 17Page - E-CMOS Corporation ECT25S32 Datasheet HTML 18Page - E-CMOS Corporation ECT25S32 Datasheet HTML 19Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 15 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Notes:
1. Dual Output data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
2. Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3
3. Quad Output Data
IO0 = (D4,
D0,…..)
IO1 = (D5,
D1,…..)
IO2 = (D6,
D2,…..)
IO3 = (D7,
D3,…..)
4. Quad Input Address
IO0 = A20, A16, A12, A8, A4, A0, M4, M0
IO1 = A21, A17, A13, A9, A5, A1, M5, M1
IO2 = A22, A18, A14, A10, A6, A2, M6, M2
IO3 = A23, A19, A15, A11, A7, A3, M7, M3
5. Fast Read Quad I/O Data
IO0 = (x, x, x, x, D4,
D0,…)
IO1 = (x, x, x, x, D5,
D1,…)
IO2 = (x, x, x, x, D6, D
2,…)
IO3 = (x, x, x, x, D7,
D3,…)
6. Security Registers Address:
Security Register0: A23-A16=00h, A15-A8=00h, A7-A0= Byte Address;
Security Register1: A23-A16=00h, A15-A8=01h, A7-A0= Byte Address;
Security Register2: A23-A16=00h, A15-A8=02h, A7-A0= Byte Address;
Security Register3: A23-A16=00h, A15-A8=03h, A7-A0= Byte Address;
Security Register 0 can be used to store the Flash Discoverable Parameters,
The feature is upon special order.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com