Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 30 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 30 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 26Page - E-CMOS Corporation ECT25S32 Datasheet HTML 27Page - E-CMOS Corporation ECT25S32 Datasheet HTML 28Page - E-CMOS Corporation ECT25S32 Datasheet HTML 29Page - E-CMOS Corporation ECT25S32 Datasheet HTML 30Page - E-CMOS Corporation ECT25S32 Datasheet HTML 31Page - E-CMOS Corporation ECT25S32 Datasheet HTML 32Page - E-CMOS Corporation ECT25S32 Datasheet HTML 33Page - E-CMOS Corporation ECT25S32 Datasheet HTML 34Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 30 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Figure 25. Erase Security Registers instruction Sequence Diagram
Program Security Registers (42H)
See Figure 26,
the Program Security Registers instruction is similar to the Page Program
instruction. It allows from 1 to 256 bytes Security Registers data to be programmed. A Write
Enable instruction must previously have been executed to set the Write Enable Latch bit
Before sending the Program Security Registers instruction. The Program Security Registers
instruction is entered by driving /CS Low, followed by the instruction code(42H),3-byte
address and at least one data byte on SI. As soon as /CS is driven high, the self-timed
Program Security Registers cycle (whose duration
is
tPP)
is
initiated.While the Program
Security Registers cycle is in progress, the Status Register may be read to check the value of
the Write In Progress (WIP) bit.The Write In Progress (WIP) bit is 1 during the self-timed
Program Security Registers cycle, and is 0 when it is completed. At some unspecified time
before the cycle is completed, the Write Enable Latch bit is reset.
If the Security Registers Lock Bit (LB3/LB2/LB1) is set to 1, the Security Registers will be
permanently locked. Program Security Registers instruction will be ignored.
Figure 26. Program Security Registers instruction Sequence Diagram
Address
A23-A16
A15-A8
A7-A0
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com