Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 36 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 36 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 32Page - E-CMOS Corporation ECT25S32 Datasheet HTML 33Page - E-CMOS Corporation ECT25S32 Datasheet HTML 34Page - E-CMOS Corporation ECT25S32 Datasheet HTML 35Page - E-CMOS Corporation ECT25S32 Datasheet HTML 36Page - E-CMOS Corporation ECT25S32 Datasheet HTML 37Page - E-CMOS Corporation ECT25S32 Datasheet HTML 38Page - E-CMOS Corporation ECT25S32 Datasheet HTML 39Page - E-CMOS Corporation ECT25S32 Datasheet HTML 40Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 36 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Electrical Characteristics
Absolute Maximum Ratings
Notes:
1.JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms)
Operating Ranges
Data Retention and Endurance
Latch Up Characteristics
PARAMETERS
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
–0.5 to 4
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.5 to 4
V
Transient Voltage on any Pin
VIOT
<20nS Transient
Relative to Ground
–2.0V to VCC+2.0V
V
Storage Temperature
TSTG
–65 to +150
°C
Electrostatic Discharge Voltag
e
VESD
Human Body Model(1)
–2000 to +2000
V
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
MAX
Supply Voltage
VCC
FR = 108MHz,
fR = 50MHz
2.7
3.6
V
Temperature
Operating
TA
Commercial
Industrial
0
–40
+70
+85
°C
Parameter
Test Condition
Min
Units
Minimum Pattern Data Retention Time
150°C
10
Years
125°C
20
Years
Erase/Program Endurance
-40 to 85°C
100K
Cycles
Parameter
Min
Max
Input Voltage Respect To VSS On I/O Pins
-1.0V
VCC+1.0V
VCC Current
-100mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com