Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECT25S32 Datasheet HTML 1Page - E-CMOS Corporation ECT25S32 Datasheet HTML 2Page - E-CMOS Corporation ECT25S32 Datasheet HTML 3Page - E-CMOS Corporation ECT25S32 Datasheet HTML 4Page - E-CMOS Corporation ECT25S32 Datasheet HTML 5Page - E-CMOS Corporation ECT25S32 Datasheet HTML 6Page - E-CMOS Corporation ECT25S32 Datasheet HTML 7Page - E-CMOS Corporation ECT25S32 Datasheet HTML 8Page - E-CMOS Corporation ECT25S32 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
General Description
The ECT25S32 is 32M-bit Serial Peripheral Interface(SPI) Flash memory, and supports the Dual/ Quad
SPI: Serial Clock, Chip Select, Serial Data I/O0 (SI), I/O1 (SO), I/O2 (/WP), and I/O3(/HOLD). The Dual I/O
data is transferred with speed of 216Mbits/s and the Quad I/O & Quad output data is transferred with
speed of 432Mbits/s. The device uses a single low voltage power supply, ranging from 2.7 Volt to 3.6 Volt.
Additionally, the device supports JEDEC standard manufacturer and device ID and three 256-bytes
Security Registers.
In order to meet environmental requirements, E-CMOS offers an 8-pin SOP 208-mil, an 8-pad WSON 6x5-
mm,USON(DFN) 4x3 mm.
Features
● Serial Peripheral Interface(SPI)
- Standard SPI: SCLK, /CS, SI, SO, /WP, /HOLD
- Dual SPI: SCLK, /CS, IO0, IO1, /WP, /HOLD
- Quad SPI: SCLK, /CS, IO0, IO1, IO2, IO3
● Read
- Normal Read (Serial): 50MHz clock rate
- Fast Read (Serial): 108MHz clock rate
- Dual/Quad (Multi-I/O) Read: 108MHz clock rate
● Program
- Serial-input Page Program up to 256bytes
- Program Suspend and Resume
● Erase
- Block erase (64/32 KB)
- Sector erase (4 KB)
- Chip erase
- Erase Suspend and Resume
● Program/Erase Speed
- Page Program time: 0.7ms typical
- Sector Erase time: 60ms typical
- Block Erase time: 0.2/0.3s typical
- Chip Erase time: 20s typical
● Flexible Architecture
- Sector of 4K-byte
- Block of 32/64K-byte
● Low Power Consumption
- 20mA maximum active current
- 5uA maximum power down current


Similar Part No. - ECT25S32

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
16M BIT SPI NOR FLASH
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
ECT25S40LE1CR E-CMOS-ECT25S40LE1CR Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
ECT25S40LM1CR E-CMOS-ECT25S40LM1CR Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
ECT25S40LM2CR E-CMOS-ECT25S40LM2CR Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
More results

Similar Description - ECT25S32

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
2M BIT SPI NOR FLASH
VER 1.1
ACE25QA160G ACE-ACE25QA160G Datasheet
2Mb / 29P
16M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
8M BIT SPI NOR FLASH
VER 1.1
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
128M BIT SPI NOR FLASH
VER 1.1
ACE25QC320G ACE-ACE25QC320G Datasheet
2Mb / 56P
32M BIT SPI NOR FLASH
VER 1.2
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
64M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
2M BIT SPI NOR FLASH
VER 1.2
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
16M BIT SPI NOR FLASH
VER 1.2
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
128M BIT SPI NOR FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com