Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 31 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 31 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 27Page - E-CMOS Corporation ECT25S32 Datasheet HTML 28Page - E-CMOS Corporation ECT25S32 Datasheet HTML 29Page - E-CMOS Corporation ECT25S32 Datasheet HTML 30Page - E-CMOS Corporation ECT25S32 Datasheet HTML 31Page - E-CMOS Corporation ECT25S32 Datasheet HTML 32Page - E-CMOS Corporation ECT25S32 Datasheet HTML 33Page - E-CMOS Corporation ECT25S32 Datasheet HTML 34Page - E-CMOS Corporation ECT25S32 Datasheet HTML 35Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 31 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Program and Erase Instructions
Page Program (02H)
The Page Program instruction is for programming the memory. A Write Enable instruction
Must previously have been executed to set the Write Enable Latch bit before sending the Page
Program instruction.
See Figure27, the Page Program instruction is entered by driving /CS Low, followed by the
instruction code, 3-byte address and at least one data byte on SI. If the 8 least significant
address bits (A7-A0) are not all zero, all transmitted data that goes beyond the end of the
current page are programmed from the start address of the same page (from the address
whose 8 least significant bits(A7-A0) are all zero). /CS must be driven low for the entire
duration of the sequence. The Page Program instruction sequence: /CS goes low sending
Page Program instruction 3-byte address on SI at least 1 byte data on SI /CS goes high. If
more than 256 bytes are sent to the device,previously latched data are discarded and the
last 256 data bytes are guaranteed to be programmed correctly within the same page. If less
than 256 data bytes are sent to device, they are correctly programmed at the requested
addresses without having any effects on the other bytes of the same page. /CS must be driven
high after the eighth bit of the last data byte has been latched in; otherwise the Page Program
instruction is not executed.
As soon as /CS is driven high, the self-timed Page Program cycle (whose duration is tPP) is
initiated. While the Page Program cycle is in progress, the Status Register may be read to
check the value of the Write in Progress(WIP)bit.The Write In Progress(WIP) bit is 1 during
the self-timed Page Program cycle, and is 0 when it is completed. At some unspecified time
before the A Page Program
instruction applied to a page which is protected by the Block
Protect (SEC, TB, BP2, BP1, BP0) is not executed.
Figure 27. Page Program Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com