Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 23 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 23 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 19Page - E-CMOS Corporation ECT25S32 Datasheet HTML 20Page - E-CMOS Corporation ECT25S32 Datasheet HTML 21Page - E-CMOS Corporation ECT25S32 Datasheet HTML 22Page - E-CMOS Corporation ECT25S32 Datasheet HTML 23Page - E-CMOS Corporation ECT25S32 Datasheet HTML 24Page - E-CMOS Corporation ECT25S32 Datasheet HTML 25Page - E-CMOS Corporation ECT25S32 Datasheet HTML 26Page - E-CMOS Corporation ECT25S32 Datasheet HTML 27Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 23 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Continuous Read Mode Reset (FFH or FFFFH)
The“Continuous Read Mode” bits are used in conjunction with “Fast Read Dual I/O” and
“Fast Read Quad I/O” Instructions to provide the highest random Flash memory access rate
with minimum SPI instruction overhead, thus allowing more efficient XIP(execute in place)
with this
device family.The “Continuous Read Mode” bits M7-0 are set by the Dual/Quad I/O
Read Instructions. M5-4 are used to control whether the 8-bit SPI instruction code (BBh or
EBh) is needed or not for the nextinstruction. When M5-4 = (1,0), the next instruction will be
treated the same as the current Dual/Quad I/O Read instruction without needing the 8-bit
instruction code; when M5-4 do not equal to (1,0), the device returns to normal SPI instruction
mode, in which all instructions can be accepted. M7-6 and M3-0 are reserved bits for future
use, either 0 or 1 values can be used.See Figure 18, the Continuous Read Mode Reset
instruction (FFh or FFFFh) can be used to set M4= 1, thus the device will release the
Continuous Read Mode and return to normal SPI operation.
To reset “Continuous Read Mode” during Quad I/O operation, only eight clocks are needed.
The inst
ruction is“FFh”.To reset “Continuous Read Mode” during Dual I/O operation,sixteen
clocks
are needed to shift in instruction “FFFFh
Figure 18. Continuous Read Mode Reset Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com