Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 14 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 14 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 10Page - E-CMOS Corporation ECT25S32 Datasheet HTML 11Page - E-CMOS Corporation ECT25S32 Datasheet HTML 12Page - E-CMOS Corporation ECT25S32 Datasheet HTML 13Page - E-CMOS Corporation ECT25S32 Datasheet HTML 14Page - E-CMOS Corporation ECT25S32 Datasheet HTML 15Page - E-CMOS Corporation ECT25S32 Datasheet HTML 16Page - E-CMOS Corporation ECT25S32 Datasheet HTML 17Page - E-CMOS Corporation ECT25S32 Datasheet HTML 18Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 14 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Table 9. Instruction Set Table
Instruction Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Write Enable
06H
Write Disable
04H
Read Status
Register-1
05H
(S7-S0)
Read Status
Register-2
35H
(S15-S8)
Write Enable for
Volatile Status
Register
50H
Write Status Register
01H
(S7-S0)
(S15-S8)
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
Next byte
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
Dual Output Fast
Read
3BH
A23-A16
A15-A8
A7-A0
dummy
(1)
(D7-D0)
Dual I/O Fast Read
BBH
A23-A8(2)
A7-A0
M7-M0(2)
(1)
(D7-D0)
Quad Output Fast
Read
6BH
A23-A16
A15-A8
A7-A0
dummy
(3)
(D7-D0)
Quad I/O Fast Read
EBH
A23-A0
M7-M0(4)
dummy
(5)
(D7-D0)
Continuous Read
Reset
FFH
FFH
Page Program
02H
A23-A16
A15-A8
A7-A0
(D7-D0)
Next byte
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase(32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase(64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Program/Erase
Suspend
75H
Program/Erase
Resume
7AH
Deep Power-Down
B9H
Release From Deep
Power-Down, And
Read Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
Release From Deep
Power-Down
ABH
Manufacturer/ Device
ID
90H
dummy
dummy
00H
(M7-M0)
(ID7-ID0)
JEDEC ID
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
Erase Security
(6)
Registers
44H
A23-A16
A15-A8
A7-A0
Program Security
(6)
Registers
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(D7-D0)
Read Security
(6)
Registers
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com