Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECT25S32 Datasheet(PDF) 40 Page - E-CMOS Corporation

Part # ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Datasheet(HTML) 40 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 36Page - E-CMOS Corporation ECT25S32 Datasheet HTML 37Page - E-CMOS Corporation ECT25S32 Datasheet HTML 38Page - E-CMOS Corporation ECT25S32 Datasheet HTML 39Page - E-CMOS Corporation ECT25S32 Datasheet HTML 40Page - E-CMOS Corporation ECT25S32 Datasheet HTML 41Page - E-CMOS Corporation ECT25S32 Datasheet HTML 42Page - E-CMOS Corporation ECT25S32 Datasheet HTML 43Page - E-CMOS Corporation ECT25S32 Datasheet HTML 44Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 40 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Note:
1. Tested with clock frequency lower than 50 MHz.
2. tW can be up to 45 ms at -40℃ during the characterization of the current design. It will be
improved in the future design.
Symbol
Parameter
Min.
Typ.
Max.
Unit.
tSHSL
/CS High Time(read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
/Hold Low Setup Time (relative to Clock)
5
ns
tHHCH
/Hold High Setup Time (relative to Clock)
5
ns
tCHHL
/Hold High Hold Time (relative to Clock)
5
ns
tCHHH
/Hold Low Hold Time (relative to Clock)
5
ns
tHLQZ
/Hold Low To High-Z Output
6
ns
tHHQX
/Hold Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before /CS Low
20
ns
tSHWL
Write Protect Hold Time After /CS High
100
ns
tDP
/CS High To Deep Power-Down Mode
0.1
µs
tRES1
/CS High To Standby Mode Without
Electronic Signature Read
3
µs
tRES2
/CS High To Standby Mode With
Electronic Signature Read
1.5
µs
tSUS
/CS High To Next Instruction After Suspend
2
us
tW
Write Status Register Cycle Time
10
15(2)
ms
tPP
Page Programming Time
0.7
2.4
ms
tSE
Sector Erase Time
60
300
ms
tBE
Block Erase Time(32K Bytes/64K Bytes)
0.2/0.3
1/1.2
s
tCE
Chip Erase Time
20
40
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com