Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 6Page - Linear Technology LTC4211CS8 Datasheet HTML 7Page - Linear Technology LTC4211CS8 Datasheet HTML 8Page - Linear Technology LTC4211CS8 Datasheet HTML 9Page - Linear Technology LTC4211CS8 Datasheet HTML 10Page - Linear Technology LTC4211CS8 Datasheet HTML 11Page - Linear Technology LTC4211CS8 Datasheet HTML 12Page - Linear Technology LTC4211CS8 Datasheet HTML 13Page - Linear Technology LTC4211CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
10
LTC4211
4211f
PI FU CTIO S
RESET (Pin 1/Pin 1): An open-drain N-channel MOSFET
whose source connects to GND (Pin 4/Pin 5). This pin
pulls low if the voltage at the FB pin (Pin 5/Pin 6) falls below
the FB pin threshold (1.236V). During the start-up cycle,
the RESET pin goes high impedance at the end of the
second timing cycle after the FB pin goes above the FB
threshold. This pin requires an external pull-up resistor to
VCC. If an undervoltage lockout condition occurs, the
RESET pin pulls low independently of the FB pin to prevent
false glitches.
ON (Pin 2/Pin 2): An active high signal used to enable or
disable LTC4211 operation. COMP1’s threshold is set at
1.236V and its hysteresis is set at 80mV. If a logic high
signal is applied to the ON pin (VON > 1.316V), the first
timing cycle begins if an overvoltage condition does not
exist on the GATE pin (Pin 6/Pin 7). If a logic low signal is
applied to the ON pin (VON < 1.236V), the GATE pin is
pulled low by an internal 200
µA current sink. The ON pin
can also be used to reset the electronic circuit breaker. If
the ON pin is cycled low and then high following a circuit
breaker trip, the internal circuit breaker is reset, and the
LTC4211 begins a new start-up cycle.
TIMER (Pin 3/Pin 4): A capacitor connected from this pin
to GND sets the LTC4211’s system timing. The LTC4211’s
initial and second start-up timing cycles and its internal
“power good” delay time are defined by this capacitor.
GND (Pin 4/Pin 5): Device Ground Connection. Connect
this pin to the system’s analog ground plane.
FB (Pin 5/Pin 6): The FB (Feedback) pin is an input to the
COMP2 comparator and monitors the output supply volt-
age through an external resistor divider. If VFB < 1.236V,
the RESET pin pulls low. An internal glitch filter at COMP2’s
output helps prevent negative voltage transients from
triggering a reset condition. If VFB > 1.239V, the RESET pin
goes high after one timing cycle.
GATE (Pin 6/Pin 7): The output signal at this pin is the
high side gate drive for the external N-channel FET pass
transistor.
(8-Lead Package/10-Lead Package)
As shown in the Block Diagram, an internal charge pump
supplies a 10
µA gate current and sufficient gate voltage
drive to the external FET for supply voltages from 2.5V to
16.5V. The internal charge-pump and zener clamps at the
GATE pin determine the gate drive voltage (
∆VGATE =
VGATE – VCC). The charge pump produces a minimum 4V
of
∆VGATE for supplies in the range of 2.5V < VCC < 4.75V.
For VCC > 4.75V, the ∆VGATE is limited by zener clamp Z1
connecting between GATE and VCC pins. The ∆VGATE is
typically at 12V and with guaranteed minimum value of
10V. For VCC > 15V, the zener clamp Z2 sets the limitation
for
∆VGATE. Z2 clamps the gate voltage to ground to 26V
typically. The minimum Z2’s clamp voltage is 23V. This
effectively sets
∆VGATE to 8V minimum.
SENSE (Pin 7/Pin 8): Circuit Breaker Set Pin. With a sense
resistor placed in the power path between VCC and SENSE,
the LTC4211’s electronic circuit breaker trips if the voltage
across the sense resistor exceeds the thresholds set
internally for the SLOW COMP and the FAST COMP, as
shown in the Block Diagram. The threshold for the SLOW
COMP is VCB(SLOW) = 50mV, and the electronic circuit
breaker trips if the voltage across the sense resistor
exceeds 50mV for 20
µs. The SLOW COMP delay is fixed in
the S8/MS8 version and adjustable in the MS version of
the LTC4211. To adjust the SLOW COMP’s delay, please
refer to the section on Adjusting SLOW COMP’s Response
Time.
Under transient conditions where large step current
changes can and do occur over shorter periods of time, a
second (fast) comparator instead trips the electronic
circuit breaker. The threshold for the FAST COMP is set at
VCB(FAST) = 150mV, and the circuit breaker trips if the
voltage across the sense resistor exceeds 150mV for more
than 300ns. The FAST COMP’s delay is fixed in the
LTC4211 and cannot be adjusted. To disable the electronic
circuit breaker, connect the VCC and SENSE pins together.
VCC (Pin 8/Pin 9): This is the positive supply input to the
LTC4211. The LTC4211 operates from 2.5V < VCC < 16.5V,
and the supply current is typically 1mA. An internal
undervoltage lockout circuit disables the device until the
voltage at VCC exceeds 2.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com