Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 28Page - Linear Technology LTC4211CS8 Datasheet HTML 29Page - Linear Technology LTC4211CS8 Datasheet HTML 30Page - Linear Technology LTC4211CS8 Datasheet HTML 31Page - Linear Technology LTC4211CS8 Datasheet HTML 32Page - Linear Technology LTC4211CS8 Datasheet HTML 33Page - Linear Technology LTC4211CS8 Datasheet HTML 34Page - Linear Technology LTC4211CS8 Datasheet HTML 35Page - Linear Technology LTC4211CS8 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33
LTC4211
4211f
APPLICATIO S I FOR ATIO
ramped up to its nominal operating value. After Time
Point 5, a supply voltage fault occurs at the load and the
Zener diode begins to conduct, causing VFILTER to in-
crease. At Time Point 6A, VFILTER is greater than 1.236V,
the circuit breaker is tripped, the GATE pin voltage is pulled
to ground and FAULT is asserted low and latched.
In either case, the LTC4211 can be configured to auto-
matically initiate a start-up sequence. Please refer to the
section on AutoRetry After a Fault for additional
information.
PCB Layout Considerations
For proper operation of the LTC4211’s circuit breaker
function, a 4-wire Kelvin connection to the sense resistors
is highly recommended. A recommended PCB layout for
the sense resistor, the power MOSFET and the GATE drive
components around the LTC4211 is illustrated in
Figure 22. In Hot Swap applications where load currents
can reach 10A or more, narrow PCB tracks exhibit more
resistance than wider tracks and operate at more elevated
temperatures. Since the sheet resistance of 1 ounce cop-
per foil is approximately 0.54m
Ω/square, track resis-
tances add up quickly in high current applications. Thus,
to keep PCB track resistance and temperature rise to a
minimum, PCB track width must be appropriately sized.
Consult Appendix A of LTC Application Note 69 for details
on sizing and calculating trace resistances as a function of
copper thickness.
In the majority of applications, it will be necessary to use
plated-through vias to make circuit connections from
component layers to power and ground layers internal to
the PC board. For 1 ounce copper foil plating, a good
starting point is 1A of DC current per via, making sure the
via is properly dimensioned so that solder completely fills
any void. For other plating thicknesses, check with your
PCB fabrication facility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com