Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 10Page - Linear Technology LTC4211CS8 Datasheet HTML 11Page - Linear Technology LTC4211CS8 Datasheet HTML 12Page - Linear Technology LTC4211CS8 Datasheet HTML 13Page - Linear Technology LTC4211CS8 Datasheet HTML 14Page - Linear Technology LTC4211CS8 Datasheet HTML 15Page - Linear Technology LTC4211CS8 Datasheet HTML 16Page - Linear Technology LTC4211CS8 Datasheet HTML 17Page - Linear Technology LTC4211CS8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
LTC4211
4211f
The CTIMER value is vital to ensure a proper start-up and
reliable operation. A system may not get started if a timing
period is set too short in relation to the time needed for the
output voltage to ramp up from zero to its rated value.
Conversely, this timing period should not be excessive as
an output short can occur at start-up allowing the external
MOSFET to overheat. A good starting point is to set CTIMER
= 10nF and adjust its value accordingly to suit the specific
applications.
OPERATING SEQUENCE
Power-Up, Start-Up Check and Plug-In Timing Cycle
The sequence of operations for the LTC4211 is illustrated
in the timing diagram of Figure 5. When a PC board is first
inserted into a live backplane, the LTC4211 first performs
VCC
ON
2
µA2µA
10
µA
PLUG-IN CYCLE
FIRST TIMING CYCLE
200
µA
POWER
GOOD
(VFB > VREF)
VTMR = VREF
TIMER
12
3 4 5
6
7
8
9
RESET PULLED LOW DUE TO POWER BAD
10
SLOW COMPARATOR ARMED
CHECK FOR GATE < 0.2V
FAST COMPARATOR ARMED
CHECK FOR FILTER LOW (<VREF – 80mV)
CHECK FOR FAULT HIGH (>VREF + 50mV)
ON GOES LOW
GATE
VOUT
RESET
POWER BAD
(VFB < VREF)
SOFT-START CYCLE
SECOND TIMING CYCLE
4211 F05
Figure 5. Normal Power-Up Sequence
OPERATIO
Table 1. tTIMER vs CTIMER
CTIMER
tTIMER
0.0033
µF
2.0ms
0.0047
µF
2.9ms
0.0068
µF
4.2ms
0.0082
µF
5.1ms
0.01
µF
6.2ms
0.015
µF
9.3ms
0.022
µF
13.6ms
0.033
µF
20.4ms
0.047
µF
29.0ms
0.068
µF
42.0ms
0.082
µF
50.7ms
0.1
µF
61.8ms
0.15
µF
92.7ms
0.22
µF
136ms
0.33
µF
204ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com