Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 15Page - Linear Technology LTC4211CS8 Datasheet HTML 16Page - Linear Technology LTC4211CS8 Datasheet HTML 17Page - Linear Technology LTC4211CS8 Datasheet HTML 18Page - Linear Technology LTC4211CS8 Datasheet HTML 19Page - Linear Technology LTC4211CS8 Datasheet HTML 20Page - Linear Technology LTC4211CS8 Datasheet HTML 21Page - Linear Technology LTC4211CS8 Datasheet HTML 22Page - Linear Technology LTC4211CS8 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
LTC4211
4211f
GATE
TIMER
VCC
12
3 4 5
6
7 8
A
OVER CURRENT
RESET PULLED LOW DUE TO POWER BAD
B C
FAST COMPARATOR ARMED
CIRCUIT BREAKER TRIPS
CIRCUIT BREAKER TRIPS
10
µA
2
µA
VREF
POWER BAD
VFB < VREF
FPD
GATE
VOUT
>50mV
4211 F09
SLOW COMPARATOR ARMED
VOUT
VCC – VSENSE
FILTER
FAULT
RESET
ON
POWER GOOD
VFB > VREF
Figure 9. Mild Overcurrent Slow Comparator Trips the Circuit Breaker After Filter Programming Period
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com