Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 8Page - Linear Technology LTC4211CS8 Datasheet HTML 9Page - Linear Technology LTC4211CS8 Datasheet HTML 10Page - Linear Technology LTC4211CS8 Datasheet HTML 11Page - Linear Technology LTC4211CS8 Datasheet HTML 12Page - Linear Technology LTC4211CS8 Datasheet HTML 13Page - Linear Technology LTC4211CS8 Datasheet HTML 14Page - Linear Technology LTC4211CS8 Datasheet HTML 15Page - Linear Technology LTC4211CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
LTC4211
4211f
HOT CIRCUIT INSERTION
When circuit boards are inserted into or removed from live
backplanes, the supply bypass capacitors can draw huge
transient currents from the backplane power bus as they
charge. The transient current can cause permanent dam-
age to the connector pins as well as cause glitches on the
system supply, causing other boards in the system to
reset.
The LTC4211 is designed to turn a printed circuit board’s
supply voltages ON and OFF in a controlled manner, allow-
ing the circuit board to be safely inserted or removed from
a live backplane. The device provides a system reset signal
to indicate when board supply voltage drops below a pre-
determined level, as well as a dual function fault monitor.
OUTPUT VOLTAGE MONITOR
The LTC4211 uses a 1.236V bandgap reference, precision
voltage comparator and an external resistor divider to
monitor the output supply voltage as shown in Figure 1.
The operation of the supply monitor in normal mode is il-
lustrated in Figure 2. When the supply voltage at the FB pin
drops below its reset threshold (1.236V), the comparator
COMP2 output goes high. After passing through a glitch fil-
ter, RESET is pulled low (Time Point N2). When the voltage
at the FB pin rises above its reset threshold (1.239V),
COMP2’s output goes low and a timing cycle starts (Time
Point N4). After a complete timing cycle, RESET is pulled
high by the external pull-up resistor. If the FB pin rises above
the reset threshold for less than a timing cycle, the RESET
output remains low (Time Point N3).
As shown in Figure 5, the LTC4211’s RESET pin is logic
low during any undervoltage lockout condition and during
the initial insertion of a PC board. Under normal operation,
RESET goes to logic high at the end of the soft-start cycle
only after the FB pin voltage rises above its reset threshold
of 1.239V.
+
SENSE
RSENSE
R2
R1
R3
10k
7
VCC
VOUT
8
GATE
LTC4211
6
2
FB
Q2
GND
ON
4211 F01
1
RESET
5
CTIMER
3
TIMER
4
CLOAD
Q1
LOGIC
TIMER
1.236V
REFERENCE
COMP2
µP
RESET
SHORT
LONG
VCC
ON/RESET
GND
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
+
–
VOUT
TIMER
RESET
V2
V2
V1
V1
1.236V
POWER GOOD
DELAY
N2
N1
N3
N4
4211 F02
Figure 1. Supply Voltage Monitor Block Diagram
Figure 2. Supply Monitor Waveforms in Normal Mode
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com