Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 28Page - Linear Technology LTC4211CS8 Datasheet HTML 29Page - Linear Technology LTC4211CS8 Datasheet HTML 30Page - Linear Technology LTC4211CS8 Datasheet HTML 31Page - Linear Technology LTC4211CS8 Datasheet HTML 32Page - Linear Technology LTC4211CS8 Datasheet HTML 33Page - Linear Technology LTC4211CS8 Datasheet HTML 34Page - Linear Technology LTC4211CS8 Datasheet HTML 35Page - Linear Technology LTC4211CS8 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
LTC4211
4211f
LT/TP 0702 2K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Two Channels, Hot Swap Controller
24-Pin, Operates from 3V to 12V and Supports – 12V
LTC1422
Single Channel, Hot Swap Controller
8-Pin, Operates from 2.7V to 12V
LT1640AL/LT1640AH
Negative Voltage Hot Swap Controller
8-Pin, Operates from –10V to –80V
LT1641-1/LT1641-2
Positive Voltage Hot Swap Controller
8-Pin, Operates from 9V to 80V, Latch-Off/Auto Retry
LTC1642
Single Channel, Hot Swap Controller
16-Pin, Overvoltage Protection to 33V
LTC1644
PCI Hot Swap Controller
16-Pin, 3.3V, 5V and
±12V, 1V Precharge, PCI Reset Logic
LTC1647
Dual Channel, Hot Swap Controller
8-Pin, 16-Pin, Operates from 2.7V to 16.5V
LTC4230
Triple Hot Swap Controller with Multifunction Current Control
Operates from 1.7V to 16.5V
TYPICAL APPLICATIO S
LOW COST OVERVOLTAGE PROTECTION
There is an alternative method to implementing the over-
voltage protection using a resistor divider at the FILTER
pin (see Figures 27 and 28). In this implementation, the
SLOW COMP is NULL in Normal Mode. Only the FAST
COMP circuit breaker is available and the current limit level
is 150mV/RSENSE. During the soft-cycle, the inrush cur-
rent servo loop is at 50mV/RSENSE. So, the heavy load
should only turn on at/after the end of second cycle where
the RESET pin goes high.
Figure 27. LTC4211MS High Side Overvoltage Protection Implementation
(In Normal Mode, SLOW COMP is Disabled, In Soft-Start Cycle, ISOFTSTART is Still 50mV/RSENSE)
Figure 28. LTC4211MS Low Side Overvoltage Protection Implementation
(In Normal Mode, SLOW COMP is Disabled, In Soft-Start Cycle, ISOFTSTART is Still 50mV/RSENSE)
1
2
3
4
5
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
RESET
ON
FILTER
TIMER
GND
LTC4211
Q1
Si4410DY
R1
36k
VOUT
5V
5A
R2
15k
CLOAD
4211 F29
RSENSE
0.007
Ω
+
CTIMER
10nF
LONG
5V
GND
FAULT
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT
SHORT
SHORT
RESET
ON/OFF
R3
10
Ω
Z1*
C1
0.1
µF
R5
10k
R6
10k
R8
4.3k
R7
10k
R9
750
Ω
R4
10k
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL
1
2
3
4
5
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
RESET
ON
FILTER
TIMER
GND
LTC4211
Q1
Si4410DY
R1
3.6k
VOUT
5V
5A
R2
750
Ω
CLOAD
4211 F30
RSENSE
0.007
Ω
+
R8
750
Ω
CTIMER
10nF
LONG
5V
GND
FAULT
LONG
PCB EDGE
CONNECTOR
(MALE)
BACKPLANE
CONNECTOR
(FEMALE)
SHORT
SHORT
SHORT
RESET
ON/OFF
R7
10
Ω
Z1*
C1
0.1
µF
R4
10k
R6
10k
R5
10k
R3
10k
Z1 = 1SMA10A OR SMAJ10A
* OPTIONAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com