Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 16Page - Linear Technology LTC4211CS8 Datasheet HTML 17Page - Linear Technology LTC4211CS8 Datasheet HTML 18Page - Linear Technology LTC4211CS8 Datasheet HTML 19Page - Linear Technology LTC4211CS8 Datasheet HTML 20Page - Linear Technology LTC4211CS8 Datasheet HTML 21Page - Linear Technology LTC4211CS8 Datasheet HTML 22Page - Linear Technology LTC4211CS8 Datasheet HTML 23Page - Linear Technology LTC4211CS8 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
20
LTC4211
4211f
GATE
TIMER
VCC
12
3 4 5
6
GATE
VFB < VREF
>50mV
VREF
10
µA
4211 F10
tRESET
tFAULTSC
2
µA
FPD
VOUT
78
B
9
9A
1
FAST COMPARATOR ARMED
CIRCUIT BREAKER TRIPS
CIRCUIT BREAKER RESET
SLOW COMPARATOR ARMED
VOUT
VCC – VSENSE
FILTER
FAULT
RESET
ON
ON
ON
VSENSE = 50mV
REGULATING
LOAD CURRENT
Figure 10. Power-Up in Overcurrent, Slow Comparator Trips the Circuit Breaker
start-up sequence where the LTC4211 is powered up into
a load overcurrent condition. Note that the circuit breaker
trips at Time Point B and is reset at Time Point 9A.
ADJUSTING SLOW COMP’S RESPONSE TIME
The response time of SLOW COMP is adjusted using a
capacitor connected from the LTC4211’s FILTER pin to
ground. If this pin is left unused, SLOW COMP’s delay
defaults to 20
µs. During normal operation, the FILTER
output pin is held low as an internal 10
µA pull-down
current source is connected to this pin by transistor M4.
This pull-down current source is turned off when an
overcurrent load condition is detected by SLOW COMP.
During an overcurrent condition, the internal 2
µA pull-up
current source is connected to the FILTER pin by transis-
tor M5, thereby charging CFILTER. As the charge on the
capacitor accumulates, the voltage across CFILTER
increases. Once the FILTER pin voltage increases to 1.236V,
the electronic circuit breaker trips and the LTC4211’s
GATE pin is switched quickly to ground by transistor M3.
After the circuit breaker is tripped, M5 is turned OFF, M4
is turned ON and the 10
µA pull-down current then holds
the FILTER pin voltage low.
The SLOW COMP response time from an overcurrent fault
condition to when the circuit breaker trips (GATE OFF) is
given by Equation 7:
tV
C
A
s
SLOWCOMP
FILTER
=
µ
+µ
1 236
2
20
.•
(7)
For example, if CFILTER = 1000pF, SLOW COMP’s response
time = 638
µs. As a design aid, SLOW COMP’s delay time
(tSLOW COMP) versus CFILTER for standard values of CFILTER
from 100pF to 1000pF is illustrated in Table 2.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com