Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 11Page - Linear Technology LTC4211CS8 Datasheet HTML 12Page - Linear Technology LTC4211CS8 Datasheet HTML 13Page - Linear Technology LTC4211CS8 Datasheet HTML 14Page - Linear Technology LTC4211CS8 Datasheet HTML 15Page - Linear Technology LTC4211CS8 Datasheet HTML 16Page - Linear Technology LTC4211CS8 Datasheet HTML 17Page - Linear Technology LTC4211CS8 Datasheet HTML 18Page - Linear Technology LTC4211CS8 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15
LTC4211
4211f
a start-up check to make sure the supply voltage is above
its 2.3V UVLO threshold (see Time Point 1). If the input
supply voltage is valid, the gate of the external pass
transistor is pulled to ground by the internal 200
µAcurrent
source connected at the GATE pin. The TIMER pin is held
low by an internal N-channel pull-down transistor (see
M6, LTC4211 Block Diagram) and the FILTER pin voltage
is pulled to ground by an internal 10
µA current source.
Once VCC and ON (the ON pin is >1.316) are valid, the
LTC4211 checks to make sure that GATE is OFF (VGATE <
0.2V) at Time Point 2. An internal timing circuit is enabled
and the TIMER pin voltage ramps up at the rate described
by Equation 1. At Time Point 3 (the timing period pro-
grammed by CTIMER), the TIMER pin voltage equals VTMR
(1.236V). Next, the TIMER pin voltage ramps down to
Time Point 4 where the LTC4211 performs two checks: (1)
FILTER pin voltage is low (VFILTER < 1.156V) and (2)
FAULT pin voltage is high (VFAULT > 1.286V). If both
conditions are met, the LTC4211 begins a second timing
(soft-start) cycle.
Second Timing (Soft-Start) Cycle
At the beginning of the second timing cycle (Time Point 5),
the LTC4211’s FAST COMP is armed and an internal 10
µA
current source working with an internal charge pump
provides the gate drive to the external pass transistor. An
expression for the GATE voltage slew rate is given by
Equation 3:
V
Slew Rate
dV
dt
A
C
GATE
GATE
GATE
,
=
µ
10
(3)
where CGATE = Power MOSFET gate input capacitance
(CISS).
For example, a Si4410DY (a 30V N-channel power MOSFET)
exhibits an approximate CGATE of 3300pF at VGS = 10V. The
LTC4211’s GATE voltage rate-of-change (slew rate) for
this example would be:
V
Slew Rate
dV
dt
A
pF
V
ms
GATE
GATE
,.
=
µ
=
10
3300
303
The inrush current being delivered to the load while the
GATE is ramping is dependent on CLOAD and CGATE.
Equation 4 gives an expression for the inrush current
during the second timing cycle:
I
dV
dt
CA
C
C
INRUSH
GATE
LOAD
LOAD
GATE
== µ
••
10
(4)
For example, if CGATE = 3300pF and CLOAD = 2000µF, the
inrush current charging CLOAD is:
IA
F
F
A
INRUSH =µ
µ
µ
=
10
2000
0 0033
606
•
.
.
(5)
At Time Point 6, the output voltage trips COMP2’s thresh-
old, signaling an output voltage “power good” condition.
At Time Point 7, RESET is asserted high, SLOW COMP is
armed and the LTC4211 enters a fault monitor mode. The
TIMER voltage then ramps down to Time Point 8.
Power-Off Cycle
As shown at Time Point 9, an external hard reset is initiated
by pulling the ON pin low (VON < 1.236V). The GATE pin
voltage is ramped to ground by the internal 200
µA current
source, discharging CGATE and turning off the pass tran-
sistor. As CLOAD discharges, the output voltage crosses
COMP2’s threshold, signaling a “power bad” condition at
Time Point 10. At this point, RESET is asserted low.
SOFT-START WITH CURRENT LIMITING
During the second timing cycle, the inrush current was
described by Equation 4. Note that there is a one-to-one
correspondence in the inrush current to CLOAD. If the
inrush current is large enough to cause a voltage drop
greater than 50mV across the sense resistor, an internal
servo loop controls the operation of the 10
µA current
source at the GATE pin to regulate the load current to:
I
mV
R
LIMIT SOFTSTART
SENSE
() =
50
(6)
For example, the inrush current is limited to 5A when
RSENSE = 0.01Ω.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com