Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4211CS8 Datasheet HTML 7Page - Linear Technology LTC4211CS8 Datasheet HTML 8Page - Linear Technology LTC4211CS8 Datasheet HTML 9Page - Linear Technology LTC4211CS8 Datasheet HTML 10Page - Linear Technology LTC4211CS8 Datasheet HTML 11Page - Linear Technology LTC4211CS8 Datasheet HTML 12Page - Linear Technology LTC4211CS8 Datasheet HTML 13Page - Linear Technology LTC4211CS8 Datasheet HTML 14Page - Linear Technology LTC4211CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LTC4211
4211f
PI FU CTIO S (8-Lead Package/10-Lead Package)
FAULT (Not available on S8/MS8, Pin 10 MS): FAULT is
both an input and an output. Connected to this pin are an
analog comparator (COMP6) and an open-drain N-chan-
nel FET. During normal operation, if COMP6 is driven
below 1.236V, the electronic circuit breaker trips and the
GATE pin pulls low. Typically, a 10k pull-up resistor
connects to the FAULT pin. This allows the LTC4211 to
begin a second timing cycle (VFAULT > 1.286) and start-up
properly. This also allows the use of the FAULT pin as a
status output. Under normal operating conditions, the
FAULT output is a logic high. Two conditions cause an
active low on FAULT: (1) the LTC4211’s electronic circuit
breaker trips because of an output short circuit (VOUT =
0V) or because of a fast output overcurrent transient
(FAST COMP trips circuit breaker); or (2) VFILTER >
1.236V. The FAULT output is driven to logic low and is
latched logic low until the ON pin is driven to logic low for
150
µs (the tRESET duration).
FILTER (Not available S8/MS8, Pin 3 MS): Overcurrent
Fault Timing Pin and Overvoltage Fault Set pin. With a
capacitor connected from this pin to ground, the SLOW
COMP’s response time can be adjusted. In the S8/MS8
version of the LTC4211, the FILTER pin is not available and
the delay time from overcurrent detect to GATE OFF is fixed
at 20
µs.
VREF
VREF
–
+
SLOW
COMP
50mV
150mV
0.2V
COMP7
M3
GLITCH FILTER
(SEE NOTE 1)
UVLO
–
+
FAST
COMP
300ns
DELAY
GLITCH FILTER
150
µs
GLITCH FILTER
FUNCTION OF
OVERDRIVE
BG
VREF
0.2V
CB
TRIPS
OR UVLO
ON LOW
START-UP
CURRENT
REGULATOR
GATE
CHARGING
200
µA10µA
POWER BAD
CB TRIPS
VREF
10
µA
6 (7)
GATE
7 (8)
SENSE
8 (9)
VCC
M1
CHARGE
PUMP
Z1
VZ (TYP) = 12V
M2
GND
4 (5)
FAULT
(10)
MS ONLY
–
+
COMP1
2
ON
5 (6)
4211 BD
FB
COMP2
–
+
–
+
COMP3
tTIMER
0.2V
VREF
COMP4
–
+
VREF
COMP5
NORMAL, RESET
NOTE 1: SET BY FILTER CAPACITOR FOR MS
20
µs DEFAULT FOR MS8, S8
PIN NUMBERS FOR S8/MS8 (MS)
NORMAL
FAULT
TIMER
3 (4)
FILTER
(3)
MS ONLY
2
µA
M6
M5
VCC
2
µA
M4
VCC
10
µA
LOGIC
RESET
1
COMP6
Z2
VZ (TYP) = 26V
VCC
BLOCK DIAGRA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com