Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4211CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4211CS8
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC4211CS8 Datasheet HTML 1Page - Linear Technology LTC4211CS8 Datasheet HTML 2Page - Linear Technology LTC4211CS8 Datasheet HTML 3Page - Linear Technology LTC4211CS8 Datasheet HTML 4Page - Linear Technology LTC4211CS8 Datasheet HTML 5Page - Linear Technology LTC4211CS8 Datasheet HTML 6Page - Linear Technology LTC4211CS8 Datasheet HTML 7Page - Linear Technology LTC4211CS8 Datasheet HTML 8Page - Linear Technology LTC4211CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LTC4211
4211f
TJMAX = 125°C, θJA = 150°C/ W
ORDER PART
NUMBER
Supply Voltage (VCC) ............................................... 17V
Input Voltage
FB, ON .................................................. – 0.3V to 17V
SENSE, FILTER .......................... – 0.3V to VCC + 0.3V
TIMER .....................................................– 0.3V to 2V
Output Voltage
GATE ............................... Internally Limited (Note 3)
RESET, FAULT ...................................... – 0.3V to 17V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4211CS8
LTC4211IS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Operating Temperature Range
LTC4211C .............................................. 0
°C to 70°C
LTC4211I ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
8
7
6
5
TOP VIEW
VCC
SENSE
GATE
FB
RESET
ON
TIMER
GND
S8 PACKAGE
8-LEAD PLASTIC SO
S8 PART
MARKING
4211
4211I
ORDER PART
NUMBER
LTC4211CMS8
LTC4211IMS8
MS8 PART
MARKING
LTSC
LTSD
TJMAX = 125°C, θJA = 200°C/ W
1
2
3
4
RESET
ON
TIMER
GND
8
7
6
5
VCC
SENSE
GATE
FB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ORDER PART
NUMBER
LTC4211CMS
LTC4211IMS
MS PART
MARKING
LTSU
LTSV
TJMAX = 125°C, θJA = 200°C/ W
1
2
3
4
5
RESET
ON
FILTER
TIMER
GND
10
9
8
7
6
FAULT
VCC
SENSE
GATE
FB
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Supply Voltage Range
q
2.5
16.5
V
ICC
VCC Supply Current
FB = High, ON = High, TIMER = Low
q
1
1.5
mA
VLKO
Internal VCC Undervoltage Lockout
VCC Low-to-High Transition
q
2.13
2.3
2.47
V
VLKOHST
VCC Undervoltage Lockout Hysteresis
120
mV
IINFB
FB Input Current
VFB = VCC or GND
±1
±10
µA
IINON
ON Input Current
VON = VCC or GND
±1
±10
µA
ILEAK
RESET, FAULT Leakage Current
VRESET = VFAULT = 15V, Pull-Down Device Off
q
±0.1
±2.5
µA
IINSENSE
SENSE Input Current
VSENSE = VCC or GND
±1
±10
µA
VCB(FAST)
SENSE Trip Voltage (VCC – VSENSE)
Fast Comparator Trips
q
130
150
170
mV
VCB(SLOW)
SENSE Trip Voltage (VCC – VSENSE)
Slow Comparator Trips
q
40
50
60
mV
IGATEUP
GATE Pull-Up Current
Charge Pump On, VGATE ≤ 0.2V
q
–12.5
– 10
–7.5
µA
IGATEDOWN Normal GATE Pull-Down Current
ON Low
q
130
200
270
µA
Fast GATE Pull-Down Current
FAULT Latched and Circuit Breaker
50
mA
Tripped or in UVLO
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com