Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 30Page - Analog Devices AD9957/PCBZ Datasheet HTML 31Page - Analog Devices AD9957/PCBZ Datasheet HTML 32Page - Analog Devices AD9957/PCBZ Datasheet HTML 33Page - Analog Devices AD9957/PCBZ Datasheet HTML 34Page - Analog Devices AD9957/PCBZ Datasheet HTML 35Page - Analog Devices AD9957/PCBZ Datasheet HTML 36Page - Analog Devices AD9957/PCBZ Datasheet HTML 37Page - Analog Devices AD9957/PCBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 33 of 61
START ADDRESS
END ADDRESS
1
1
2
3
4
5
RAM ADRESS
t
1 PDCLK CYCLE
OR
M DDS CLOCK CYCLES
I/O_UPDATE OR
RT TRANSITION
Figure 46. Continuous Recirculate Timing Diagram
RAM Continuous Recirculate Mode
The continuous recirculate mode mimics ramp-up mode,
except that when the state machine reaches the end address of
the active RAM segment register, it does not halt. Instead, the
next timeout of the internal timer causes the state machine to
jump to the start address of the active RAM segment register.
This process continues indefinitely until an I/O update or state
change on the RT pin. A state change on the RT pin aborts the
current waveform and the newly selected RAM segment register
initiates a new waveform.
A graphic representation of the continuous recirculate mode is
shown in Figure 46.
The circled numbers in Figure 46 indicate specific events, which
are explained as follows:
Event 1—an I/O update or state change on the RT pin occurs.
This initializes the state machine to the start address of the
active RAM segment register and causes the state machine to
begin incrementing the address counter at the appropriate rate.
Event 2—the state machine reaches the end address of the active
RAM segment register.
Event 3—the state machine switches to the start address of the
active RAM segment register. The state machine continues to
increment the address counter.
Event 4—the state machine again reaches the end address of the
active RAM segment register.
Event 5—the state machine switches to the start address of the
active RAM segment register. The state machine continues to
increment the address counter.
Event 4 and Event 5 repeat until an I/O update or state change
occurs on the RT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com