Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 51Page - Analog Devices AD9957/PCBZ Datasheet HTML 52Page - Analog Devices AD9957/PCBZ Datasheet HTML 53Page - Analog Devices AD9957/PCBZ Datasheet HTML 54Page - Analog Devices AD9957/PCBZ Datasheet HTML 55Page - Analog Devices AD9957/PCBZ Datasheet HTML 56Page - Analog Devices AD9957/PCBZ Datasheet HTML 57Page - Analog Devices AD9957/PCBZ Datasheet HTML 58Page - Analog Devices AD9957/PCBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
AD9957
Data Sheet
Rev. E | Page 54 of 61
Table 17. Profile 7, RAM, GPIO Configuration, and GPIO Data Registers
Register Name
(Serial Address)
Bit Range
(Internal
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
Profile 7
Register—
Single Tone
(0x15)
<63:56>
Open
Amplitude Scale Factor<13:8>
0x00
<55:48>
Amplitude Scale Factor<7:0>
0x00
<47:40>
Phase Offset Word<15:8>
0x00
<39:32>
Phase Offset Word<7:0>
0x00
<31:24>
Frequency Tuning Word<31:24>
0x00
<23:16>
Frequency Tuning Word<23:16>
0x00
<15:8>
Frequency Tuning Word<15:8>
0x00
<7:0>
Frequency Tuning Word<7:0>
0x00
Profile 7
Register—
QDUC (0x15)
<63:56>
CCI Interpolation Rate<7:2>
Spectral
Invert
Inverse CCI
Bypass
0x00
<55:48>
Output Scale Factor<7:0>
0x00
<47:40>
Phase Offset Word<15:8>
0x00
<39:32>
Phase Offset Word<7:0>
0x00
<31:24>
Frequency Tuning Word<31:24>
0x00
<23:16>
Frequency Tuning Word<23:16>
0x00
<15:8>
Frequency Tuning Word<15:8>
0x00
<7:0>
Frequency Tuning Word<7:0>
0x00
RAM Register
(0x16)
<31:0>
RAM Word<31:0>
GPIO
Configuration
Register (0x18)
<15:0>
GPIO Configuration<15:0>
0x00
GPIO Data
Register (0x19)
<15:0>
GPIO Data<15:0>
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com