Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 6Page - Analog Devices AD9957/PCBZ Datasheet HTML 7Page - Analog Devices AD9957/PCBZ Datasheet HTML 8Page - Analog Devices AD9957/PCBZ Datasheet HTML 9Page - Analog Devices AD9957/PCBZ Datasheet HTML 10Page - Analog Devices AD9957/PCBZ Datasheet HTML 11Page - Analog Devices AD9957/PCBZ Datasheet HTML 12Page - Analog Devices AD9957/PCBZ Datasheet HTML 13Page - Analog Devices AD9957/PCBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 9 of 61
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
55
54
53
52
51
TQFP-100 (E_PAD)
TOP VIEW
(Not to Scale)
AD9957
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
22
21
12
24
23
25
75
AVDD (3.3V)
74
AVDD (3.3V)
73
AGND
72
NC
71
I/O_RESET
70
CS
69
SCLK
68
SDO
67
SDIO
66
DVDD_I/O (3.3V)
65
DGND
64
DVDD (1.8V)
63
DGND
62
DGND
61
NC
60
OSK
59
I/O_UPDATE
58
DGND
57
DVDD (1.8V)
56
DVDD_I/O (3.3V)
SYNC_CLK
PROFILE0
PROFILE1
PROFILE2
RT
NC
PLL_LOOP_FILTER
AVDD (1.8V)
AGND
AGND
AVDD (1.8V)
SYNC_IN+
SYNC_IN–
SYNC_OUT+
SYNC_OUT–
DVDD_I/O (3.3V)
SYNC_SMP_ERR
DGND
MASTER_RESET
DVDD_I/O (3.3V)
DGND
DVDD (1.8V)
EXT_PWR_DWN
PLL_LOCK
CCI_OVFL
DVDD_I/O (3.3V)
DGND
DVDD (1.8V)
NC
D17
PIN 1
INDICATOR
NOTES
1. NC = NO CONNECT.
2. EXPOSED PAD SHOULD BE SOLDERED TO GROUND.
Figure 4. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com