Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 2Page - Analog Devices AD9957/PCBZ Datasheet HTML 3Page - Analog Devices AD9957/PCBZ Datasheet HTML 4Page - Analog Devices AD9957/PCBZ Datasheet HTML 5Page - Analog Devices AD9957/PCBZ Datasheet HTML 6Page - Analog Devices AD9957/PCBZ Datasheet HTML 7Page - Analog Devices AD9957/PCBZ Datasheet HTML 8Page - Analog Devices AD9957/PCBZ Datasheet HTML 9Page - Analog Devices AD9957/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 5 of 61
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
AVDD (1.8V) and DVDD (1.8V) = 1.8 V ± 5%, AVDD (3.3V) = 3.3 V ± 5%, DVDD_I/O (3.3V) = 3.3 V ± 5%, T = 25°C, RSET = 10 kΩ,
IOUT = 20 mA, external reference clock frequency = 1000 MHz with REFCLK multiplier disabled, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REF_CLK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier
Disabled
60
10001
MHz
Enabled
3.2
60
MHz
Maximum REFCLK Input Divider Frequency
Full temperature range
1500
1900
MHz
Minimum REFCLK Input Divider Frequency
Full temperature range
25
35
MHz
External Crystal
25
MHz
Input Capacitance
3
pF
Input Impedance (Differential)
2.8
kΩ
Input Impedance (Single-Ended)
1.4
kΩ
Duty Cycle
REFCLK multiplier disabled
45
55
%
REFCLK multiplier enabled
40
60
%
REF_CLK Input Level
Single-ended
50
1000
mV p-p
Differential
100
2000
mV p-p
REFCLK MULTIPLIER VCO GAIN CHARACTERISTICS
VCO Gain (KV) @ Center Frequency
VCO0 range setting
429
MHz/V
VCO1 range setting
500
MHz/V
VCO2 range setting
555
MHz/V
VCO3 range setting
750
MHz/V
VCO4 range setting
789
MHz/V
VCO5 range setting2
850
MHz/V
REFCLK_OUT CHARACTERISTICS
Maximum Capacitive Load
20
pF
Maximum Frequency
25
MHz
DAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
8.6
20
31.6
mA
Gain Error
−10
+10
%FS
Output Offset
2.3
µA
Differential Nonlinearity
0.8
LSB
Integral Nonlinearity
1.5
LSB
Output Capacitance
5
pF
Residual Phase Noise
@ 1 kHz offset, 20 MHz AOUT
REFCLK Multiplier
Disabled
−152
dBc/Hz
Enabled @ 20×
−140
dBc/Hz
Enabled @ 100×
−140
dBc/Hz
AC Voltage Compliance Range
−0.5
+0.5
V
SPURIOUS-FREE DYNAMIC RANGE (SFDR SINGLE TONE)
fOUT = 20.1 MHz
−70
dBc
fOUT = 98.6 MHz
−69
dBc
fOUT = 201.1 MHz
−61
dBc
fOUT = 397.8 MHz
−54
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com