Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 5Page - Analog Devices AD9957/PCBZ Datasheet HTML 6Page - Analog Devices AD9957/PCBZ Datasheet HTML 7Page - Analog Devices AD9957/PCBZ Datasheet HTML 8Page - Analog Devices AD9957/PCBZ Datasheet HTML 9Page - Analog Devices AD9957/PCBZ Datasheet HTML 10Page - Analog Devices AD9957/PCBZ Datasheet HTML 11Page - Analog Devices AD9957/PCBZ Datasheet HTML 12Page - Analog Devices AD9957/PCBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
AD9957
Data Sheet
Rev. E | Page 8 of 61
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
AVDD (1.8V), DVDD (1.8V) Supplies
2 V
AVDD (3.3V), DVDD_I/O (3.3V) Supplies
4 V
Digital Input Voltage
−0.7 V to +4 V
XTAL_SEL
−0.7 V to +2.2 V
Digital Output Current
5 mA
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
θJA
22°C/W
θJC
2.8°C/W
Maximum Junction Temperature
150°C
Lead Temperature, Soldering (10 sec)
300°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
AVOID OVERDRIVING DIGITAL INPUTS.
FORWARD BIASING ESD DIODES MAY
COUPLE DIGITAL NOISE ONTO POWER
PINS.
DIGITAL INPUTS
INPUT
DVDD_I/O
Figure 2. Equivalent Input Circuit
MUST TERMINATE OUTPUTS TO AGND
FOR CURRENT FLOW. DO NOT EXCEED
THE OUTPUT VOLTAGE COMPLIANCE
RATING.
IOUT
IOUT
DAC OUTPUTS
AVDD
Figure 3. Equivalent Output Circuit
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com