Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 40Page - Analog Devices AD9957/PCBZ Datasheet HTML 41Page - Analog Devices AD9957/PCBZ Datasheet HTML 42Page - Analog Devices AD9957/PCBZ Datasheet HTML 43Page - Analog Devices AD9957/PCBZ Datasheet HTML 44Page - Analog Devices AD9957/PCBZ Datasheet HTML 45Page - Analog Devices AD9957/PCBZ Datasheet HTML 46Page - Analog Devices AD9957/PCBZ Datasheet HTML 47Page - Analog Devices AD9957/PCBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 43 of 61
Logic 0 state. To reset the validation result latch when the sync
receiver is active, however, requires the use of the Sync Timing
Validation Disable bit in the multichip sync register. To make a
setup/hold validation measurement is a two-step process. First,
write a Logic 1 to the sync timing validation disable bit. Then,
to make a measurement, write a Logic 0. The first action resets
the validation result latch and holds it in a reset state; the
second action releases the reset state and enables the validation
result latch to capture a setup/hold validation measurement.
Each time a new setup/hold validation check is desired, this
two-step procedure must be performed.
Because the programmed value of the sync validation delay
establishes the time window for a setup/hold measurement,
the amount of delay is an important consideration for proper
operation of the validation block. The value chosen should
represent a small fraction of the SYSCLK period. For example,
if the SYSCLK frequency is 1 GHz (1000 ps period), then a
reasonable sync validation delay value is 4 (~300 ps). This
allows the validation block to ensure that the local SYSCLK
and the delayed SYNC_IN edges exhibit at least 300 ps of
timing separation. Choosing too large a value can cause the
validation block to indicate a setup/hold violation when one
does not exist. Choosing too small a value can cause the
validation block to miss a setup/hold violation when one
actually exists.
SYNC
PULSE
SYSCLK
DELAY
4
4
SYNC VALIDATION
DELAY
SYNC_SMP_ERR
SYNC RECEIVER
SYNC TIMING VALIDATION DISABLE
SETUP
VALIDATION
HOLD
VALIDATION
12
SETUP AND HOLD VALIDATION
TO
CLOCK
GENERATION
LOGIC
FROM
SYNC
RECEIVER
DELAY
LOGIC
DQ
DQ
DQ
DELAY
RISING EDGE
DETECTOR
AND STROBE
GENERATOR
4
Figure 58. Sync Timing Validation Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com