Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 10Page - Analog Devices AD9957/PCBZ Datasheet HTML 11Page - Analog Devices AD9957/PCBZ Datasheet HTML 12Page - Analog Devices AD9957/PCBZ Datasheet HTML 13Page - Analog Devices AD9957/PCBZ Datasheet HTML 14Page - Analog Devices AD9957/PCBZ Datasheet HTML 15Page - Analog Devices AD9957/PCBZ Datasheet HTML 16Page - Analog Devices AD9957/PCBZ Datasheet HTML 17Page - Analog Devices AD9957/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 13 of 61
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
START 0Hz
50MHz/DIV
STOP 500MHz
Figure 11. QPSK, 7.8125 Msymbols/s, 4x Oversampled Raised Cosine,
α = 0.25, CCI = 8, Carrier = 102 MHz, fS = 1 GHz
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
START 0MHz
50MHz/DIV
STOP 500MHz
Figure 12. QPSK, 7.8125 Msymbols/s, 4x Oversampled Raised Cosine,
α = 0.25, CCI = 8, Carrier = 222 MHz, fS = 1 GHz
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
START 0Hz
50MHz/DIV
STOP 500MHz
Figure 13. QPSK, 7.8125 Msymbols/s, 4x Oversampled Raised Cosine,
α = 0.25, CCI = 8, Carrier = 372 MHz, fS = 1 GHz
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
CENTER 102MHz
2MHz/DIV
SPAN 20MHz
Figure 14. Narrow-Band View of Figure 11
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
CENTER 222MHz
2MHz/DIV
SPAN 20MHz
Figure 15. Narrow-Band View of Figure 12
0
–20
–10
–50
–40
–30
–80
–70
–60
–90
–100
CENTER 372MHz
2MHz/DIV
SPAN 20MHz
Figure 16. Narrow-Band View of Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com