Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 4Page - Analog Devices AD9957/PCBZ Datasheet HTML 5Page - Analog Devices AD9957/PCBZ Datasheet HTML 6Page - Analog Devices AD9957/PCBZ Datasheet HTML 7Page - Analog Devices AD9957/PCBZ Datasheet HTML 8Page - Analog Devices AD9957/PCBZ Datasheet HTML 9Page - Analog Devices AD9957/PCBZ Datasheet HTML 10Page - Analog Devices AD9957/PCBZ Datasheet HTML 11Page - Analog Devices AD9957/PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 7 of 61
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS LOGIC INPUTS
Voltage
Logic 1
2.0
V
Logic 0
0.8
V
Current
Logic 1
90
150
µA
Logic 0
90
150
µA
Input Capacitance
2
pF
XTAL_SEL INPUT
Logic 1 Voltage
1.25
V
Logic 0 Voltage
0.6
V
Input Capacitance
2
pF
CMOS LOGIC OUTPUTS
1 mA load
Voltage
Logic 1
2.8
V
Logic 0
0.4
V
POWER SUPPLY CURRENT
DVDD_I/O (3.3V) Pin Current Consumption
QDUC mode
16
mA
DVDD (1.8V) Pin Current Consumption
QDUC mode
610
mA
AVDD (3.3V) Pin Current Consumption
QDUC mode
28
mA
AVDD (1.8V) Pin Current Consumption
QDUC mode
105
mA
POWER CONSUMPTION
Single Tone Mode
800
mW
Continuous Modulation
8× interpolation
1400
1800
mW
Inverse Sinc Filter Power Consumption
150
200
mW
Full Sleep Mode
12
40
mW
1
The system clock is limited to 750 MHz maximum in BFI mode.
2
The gain value for VCO range Setting 5 is measured at 1000 MHz.
3
Wake-up time refers to the recovery from analog power-down modes. The longest time required is for the Reference Clock Multiplier PLL to relock to the reference.
4
SYSCLK cycle refers to the actual clock frequency used on-chip by the DDS. If the reference clock multiplier is used to multiply the external reference clock frequency,
the SYSCLK frequency is the external frequency multiplied by the reference clock multiplication factor. If the reference clock multiplier and divider are not used, the
SYSCLK frequency is the same as the external reference clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com