Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 37Page - Analog Devices AD9957/PCBZ Datasheet HTML 38Page - Analog Devices AD9957/PCBZ Datasheet HTML 39Page - Analog Devices AD9957/PCBZ Datasheet HTML 40Page - Analog Devices AD9957/PCBZ Datasheet HTML 41Page - Analog Devices AD9957/PCBZ Datasheet HTML 42Page - Analog Devices AD9957/PCBZ Datasheet HTML 43Page - Analog Devices AD9957/PCBZ Datasheet HTML 44Page - Analog Devices AD9957/PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
AD9957
Data Sheet
Rev. E | Page 40 of 61
SYNCHRONIZATION OF MULTIPLE DEVICES
OVERVIEW
The internal clocks of the AD9957 provide the timing for the
propagation of data along the baseband signal processing path.
These internal clocks are derived from the internal system clock
(SYSCLK) and are all submultiples of the SYSCLK frequency.
The logic state of all of these clocks in aggregate during any
given SYSCLK cycle defines a unique clock state. The clock state
advances with each cycle of SYSCLK, but the sequence of clock
states is periodic. By definition, multiple devices are synchro-
nized when their clock states match and they transition between
states simultaneously. Clock synchronization allows the user to
asynchronously program multiple devices, but synchronously
activate the programming by applying a coincident I/O update
to all devices. It also allows multiple devices to operate in unison
when the parallel port is in use with either the QDUC or inter-
polating DAC mode (see Figure 59) or when the dual serial port
(Blackfin interface) is in use.
The function of the synchronization logic in the AD9957 is to
force the internal clock generator to a predefined state coincident
with an external synchronization signal applied to the SYNC_IN
pins. Forcing multiple devices to the same clock state coincident
with the same external signal is, by definition, synchronization.
Figure 54 is a block diagram of the synchronization function.
The synchronization logic consists of two independent blocks, a
sync generator and a sync receiver, both of which use the local
SYSCLK signal for internal timing.
SYNC
GENERATOR
REF_CLK
5
SYSCLK
INTERNAL
CLOCKS
6
5
4
SYNC
RECEIVER
90
91
9
10
SYNC_OUT
REF_CLK
INPUT
CIRCUITRY
7
8
12
SYNC_IN
SYNC_SMP_ERR
SYNC
VALIDATION
DELAY
SYNC STATE
PRESET VALUE
SYNC
TIMING
VALIDATION
DISABLE
SETUP AND
HOLD VALIDATION
SYNC
RECEIVER
ENABLE
SYNC
RECEIVER
DELAY
INPUT DELAY
AND EDGE
DETECTION
Figure 54. Synchronization Circuit Block Diagram
The synchronization mechanism relies on the premise that the
REFCLK signal appearing at each device is edge aligned with all
others resulting from the external REFCLK distribution system
(see Figure 59).
CLOCK GENERATOR
The clock generator provides the necessary timing for the inter-
nal workings of the AD9957. The goal of the synchronization
mechanism is to force the clock generator to a known state
coincident with an external synchronization signal. The clock
generator consists of three separate clock trees (see Figure 55).
The first is a common clock generator that is active for all
programmed modes of operation (single tone, QDUC, or
interpolating DAC). The common clock generates the
SYNC_CLK signal that appears at Pin 55. The second clock
generator is active when the device is programmed for the
interpolating DAC mode or quadrature modulation mode using
the parallel data port. It uses the SYSCLK/2 output of the common
clock as its primary timing source. The third clock generator is
active when the device is programmed for quadrature modulation
mode using the Blackfin interface.
6
SYSCLK
PDCLK
6
COMMON CLOCK
GENERATOR
SYNC_CLK
CLOCK GENERATOR FOR
QUADRATURE MODULATION MODE
WITH THE BLACKFIN INTERFACE
SYNC
PULSE
SYNC STATE
PRESET VALUE
CLOCK GENERATOR FOR INTERPOLATING
DAC MODE OR QUADRATURE MODULATION
MODE WITH THE PARALLEL DATA PORT
÷2
÷2
÷2
÷2
÷2
÷2
÷2
÷R
÷R
Figure 55. Clock Generator
SYNC GENERATOR
The sync generator block is shown in Figure 56. It is activated
via the Sync Generator Enable bit. It allows for one AD9957 in a
group to function as a master timing source with the remaining
devices slaved to the master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com