Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9957/PCBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9957/PCBZ
Description  1 GSPS Quadrature Digital Upconverter
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9957/PCBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9957/PCBZ Datasheet HTML 20Page - Analog Devices AD9957/PCBZ Datasheet HTML 21Page - Analog Devices AD9957/PCBZ Datasheet HTML 22Page - Analog Devices AD9957/PCBZ Datasheet HTML 23Page - Analog Devices AD9957/PCBZ Datasheet HTML 24Page - Analog Devices AD9957/PCBZ Datasheet HTML 25Page - Analog Devices AD9957/PCBZ Datasheet HTML 26Page - Analog Devices AD9957/PCBZ Datasheet HTML 27Page - Analog Devices AD9957/PCBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
Data Sheet
AD9957
Rev. E | Page 23 of 61
Encoding and pulse shaping of symbols must be implemented
before the data is presented to the input of the AD9957. Data
delivered to the input of the AD9957 may be formatted as either
twos complement or offset binary (see the Data Format bit in
Table 13). In BFI mode, the bit sequence order can be set to
either MSB-first or LSB-first (via the Blackfin Bit Order bit).
INVERSE CCI FILTER
The inverse cascaded comb integrator (CCI) filter predistorts
the data, compensating for the slight attenuation gradient imposed
by the CCI filter (see the Programmable Interpolating Filter
section). Data entering the first half-band filter occupies a maxi-
mum bandwidth of ½ fIQ as defined by Nyquist (where fIQ is the
sample rate at the input of the first half-band filter); see Figure 33.
If the CCI filter is used, the in-band attenuation gradient can pose a
problem for applications requiring an extremely flat pass band.
For example, if the spectrum of the data supplied to the AD9957
occupies a significant portion of the ½ fDATA region, the higher
frequencies of the data spectrum are slightly more attenuated
than the lower frequencies (the worst-case overall droop from
f = 0 to ½ fDATA is <0.8 dB). The inverse CCI filter has a response
characteristic that is the inverse of the CCI filter response over
the ½ fIQ region.
INBAND
ATTENUATION
GRADIENT
CCI FILTER RESPONSE
½fIQ
fIQ
4
fIQ
f
Figure 33. CCI Filter Response
The product of the two responses yields an extremely flat
pass band (±0.05 dB over the baseband Nyquist bandwidth)
eliminating the in-band attenuation gradient introduced by the
CCI filter. The cost is a slight attenuation of the input signal
(approximately 0.5 dB for a CCI interpolation rate of 2, and
0.8 dB for higher interpolation rates).
The inverse CCI filter can be bypassed using the appropriate bit
in the register map; it is automatically bypassed if the CCI inter-
polation rate is 1×. When bypassed, power to the stage turns off
to reduce power consumption.
FIXED INTERPOLATOR (4×)
This block is a fixed 4× rate interpolator, implemented as a
cascade of two half-band filters. Together, the sampling rate
of these two filters increases by a factor of four while preserving
the spectrum of the baseband signal applied at the input. Both
are linear phase filters; virtually no phase distortion is intro-
duced within their pass bands. Their combined insertion loss
is 0.01 dB, preserving the relative amplitude of the input signal.
The filters are designed to deliver a composite performance that
yields a usable pass band of 40% of the input sample rate. Within
that pass band, ripple does not exceed 0.002 dB peak-to-peak.
The stop band extends from 60% to 340% of the input sample
rate and offers a minimum of 85 dB attenuation. Figure 34 and
Figure 35 show the composite response of the two half-band filters.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
fI
Figure 34. Half-Band 1 and Half-Band 2 Composite Response
(Frequency Scaled to Input Sample Rate of Half-Band 1)
–0.010
–0.008
0.008
–0.006
0.006
–0.004
0.004
–0.002
0.002
0
0.010
0
0.1
0.2
0.3
0.4
0.5
fI
Figure 35. Composite Pass-Band Detail
(Frequency Scaled to Input Sample Rate of Half-Band 1)
In BFI mode, there are two additional half-band filters resident,
yielding a total fixed interpolation factor of 16×. The extra BFI
filters use the same filter tap coefficient values as the QDUC
half-band filters, but their data pathway is 16 bits (instead of
18 bits as with the QDUC half-band filters). As such, baseband
quantization noise is higher in BFI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com