Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology LT5503 Datasheet HTML 10Page - Linear Technology LT5503 Datasheet HTML 11Page - Linear Technology LT5503 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT5503
8
TYPICAL PERFOR A CE CHARACTERISTICS
Mixer Supply Current vs Supply
Voltage (LO2
÷ 2 Mode)
Mixer Supply Current vs Supply
Voltage (LO2
÷ 1 Mode)
Mixer Shutdown Current vs Supply
Voltage
RF Output Power vs LO1 Input
Power (VCC2 = 1.8V)
RF Output Power vs LO1 Input
Power (VCC2 = 3V)
RF Output Power vs LO1 Input
Power (VCC2 = 5.25V)
LO1 Feedthrough vs LO1 Input
Power (VCC2 = 1.8V)
LO1 Feedthrough vs LO1 Input
Power (VCC2 = 3V)
LO1 Feedthrough vs LO1 Input
Power (VCC2 = 5.25V)
VCC2 SUPPLY VOLTAGE (V)
1.8
14
13
12
11
10
9
8
2.5
3.2
4.6
3.9
5503 G26
5.3
TA = 85°C
TA = 27°C
TA = –40°C
VCC2 SUPPLY VOLTAGE (V)
1.8
14
13
12
11
10
9
8
2.5
3.2
4.6
3.9
5503 G27
5.3
TA = 85°C
TA = 27°C
TA = –40°C
DMODE = HIGH
VCC2 SUPPLY VOLTAGE (V)
1.8
100
10
1
0.1
2.5
3.2
4.6
3.9
5503 G28
5.3
TA = 85°C
TA = 27°C
TA = –40°C
MIXEN = LOW
LO1IN POWER (dBm)
–30
–6
1195 G29
–24
–18
–12
–9
–27
–21
–15
–12
–14
–16
–18
–20
–22
–24
–26
–28
TA = 85°C
TA = –40°C
TA = 27°C
LO1IN POWER (dBm)
–30
–6
1195 G30
–24
–18
–12
–9
–27
–21
–15
–12
–14
–16
–18
–20
–22
–24
–26
–28
TA = 85°C
TA = –40°C
TA = 27°C
LO1IN POWER (dBm)
–30
–6
1195 G31
–24
–18
–12
–9
–27
–21
–15
–12
–14
–16
–18
–20
–22
–24
–26
–28
TA = 85°C
TA = –40°C
TA = 27°C
LO1IN POWER (dBm)
–30
–6
1195 G32
–24
–18
–12
–9
–27
–21
–15
–20
–25
–30
–35
–40
TA = 85°C
TA = –40°C
TA = 27°C
LO1IN POWER (dBm)
–30
–6
1195 G33
–24
–18
–12
–9
–27
–21
–15
–20
–25
–30
–35
–40
TA = 85°C
TA = –40°C
TA = 27°C
LO1IN POWER (dBm)
–30
–6
1195 G34
–24
–18
–12
–9
–27
–21
–15
–20
–25
–30
–35
–40
TA = 85°C
TA = –40°C
TA = 27°C
2.4GHz matching, MIXEN = high, DMODE = low (LO2
÷ 2 mode), LO2IN = 750MHz at –18dBm, LO1IN = 2075MHz. MIXRFOUT measured
at 2450MHz, unless otherwise noted. (Test circuit shown in Figure 2.)
(Mixer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com