Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology LT5503 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT5503
6
TYPICAL PERFOR A CE CHARACTERISTICS
SSB Output Power vs Input Power
VCC1 = 1.8V
Carrier Suppression vs Input Power
VCC1 = 1.8V
SSB Output Power vs Input Power
VCC1 = 3V
Carrier Suppression vs Input Power
VCC1 = 3V
Image Suppression vs Input Power
VCC1 = 3V
SSB Output Power vs Input Power
VCC1 = 5.25V
Carrier Suppression vs Input Power
VCC1 = 5.25V
Image Suppression vs Input Power
VCC1 = 5.25V
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
5503 G08
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G09
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G10
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
5503 G11
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G12
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G13
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
5503 G14
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G15
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G16
TA = 85°C
TA = 27°C
TA = –40°C
Image Suppression vs Input
Power VCC1 = 1.8V
2.4GHz matching, MODEN = high, GC1 = GC2 = low (max gain), MODRFIN = 2.45GHz, (I–IB) and (Q–QB) = 100kHz sine at 1VP-P
differential, Q leads I by 90
°, unless otherwise noted. (Test circuit shown in Figure 2.)
(I/Q Modulator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com