Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 1 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT5503
1
MODOUT
0
°
90
°
÷2
÷1
CONTROL
LOGIC
GC1
GC2
GND
MX–
MX+
LO2
2.45GHz
BPF
VCC1
2V
VCC2
2V
2.45GHz
MODULATED
RFOUT
BI+ BI–
BQ+ BQ–
VCCMOD
VCCRF
VCCLO1
VCCLO2
MODIN
VCCVGA
LO1
LO1IN (2075MHz)
LO2IN
(750MHz)
DMODE
MIXEN
MODEN
MIXER
ENABLE
MODULATOR
ENABLE
5503 F01
VGA
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
Final Electrical Specifications
s
IEEE 802.11 DSSS and FHSS
s
High Speed Wireless LAN (WLAN)
s
Wireless Local Loop (WLL)
s
PCS Wireless Data
s
MMDS
s
Single 1.8V to 5.25V Supply
s
Direct IQ Modulator with Integrated 90
° Phase
Shifter*
s
Four Step RF Power Control
s
120MHz Modulation Bandwidth
s
Independent Double-Balanced Mixer
s
Modulation Accuracy Insensitive to Carrier Input
Power
s
Modulator I/Q Inputs Internally Biased
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
1.2GHz to 2.7GHz Direct
IQ Modulator and Mixer
October 2001
The LT
®5503 is a front-end transmitter IC designed for low
voltage operation, and is compatible with the LTC family of
WLAN products. The IC contains a high frequency quadra-
ture modulator with a variable gain amplifier (VGA) and a
balanced mixer. The modulator includes a precision 90
°
phase shifter which allows direct modulation of an RF
signal by the baseband I and Q signals.
In a superheterodyne system, the mixer can be used to
generate the high-frequency RF input for the modulator by
mixing the system’s 1st and 2nd local oscillators.
The LT5503 modulator output delivers –3dBm at 2.5GHz.
The VGA allows output power reduction in three steps up
to 13dB with digital control. The baseband inputs are
internally biased for maximum input voltage swing at low
supply voltage. If needed, they can be driven with external
bias voltages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
Figure 1. 2.45GHz Transmitter Application, Carrier for Modulator Generated by Upmixer
SUPPLY VOLTAGE (V)
1.8
–2
–3
–4
–5
–6
2.4
3.0
3.6
4.2
5503 TA01b
4.8
5.4
PLO1 = –12dBm
PLO2 = –18dBm
BASEBAND = 1VP-P
TA = 27°C
2.45GHz Modulated Output
Power vs Supply Voltage
*Patent Pending


Similar Part No. - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
221Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
LT5503 LINER-LT5503 Datasheet
194Kb / 12P
800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5503EFE-PBF LINER-LT5503EFE-PBF Datasheet
221Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503EFE-TRPBF LINER-LT5503EFE-TRPBF Datasheet
221Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results

Similar Description - LT5503

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
Mixer and IF Vector Modulator
V1.2 August 1999
logo
Linear Technology
LT5503 LINER-LT5503_09 Datasheet
221Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
IQ MIXER MODULATOR/DEMODULATOR
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Mini-Circuits
SMIQ-653H-D+ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
IQ Mixer
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com