Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 19 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT5503 Datasheet HTML 12Page - Linear Technology LT5503 Datasheet HTML 13Page - Linear Technology LT5503 Datasheet HTML 14Page - Linear Technology LT5503 Datasheet HTML 15Page - Linear Technology LT5503 Datasheet HTML 16Page - Linear Technology LT5503 Datasheet HTML 17Page - Linear Technology LT5503 Datasheet HTML 18Page - Linear Technology LT5503 Datasheet HTML 19Page - Linear Technology LT5503 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LT5503
19
Figure 9. Test Set-Up for Upconverting Mixer and
I/Q Modulator Transmit Chain Measurements.
QIN
IIN
GND
GND VCC2
VCC3
VCC4
V2
V1
V3
V4
LT1807
LT1807
LT5503
IC
MODRFIN
LO1IN
MODRFOUT
LO2IN
MIXRFOUT
5503 F09
–
+
–
+
–
+
–
+
90
°
0
°
DUAL SIGNAL
GENERATOR
SIGNAL
GENERATOR 1
SIGNAL
GENERATOR 1
1
2
3
4
5
6
POWER SUPPLY 2
POWER SUPPLY 3
POWER SUPPLY 1
POWER SUPPLY 4
SPECTRUM
ANALYZER
EXTERNAL 3dB
ATTENUATOR PAD,
OR 2.45GHz BPF
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com