Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 14 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT5503 Datasheet HTML 10Page - Linear Technology LT5503 Datasheet HTML 11Page - Linear Technology LT5503 Datasheet HTML 12Page - Linear Technology LT5503 Datasheet HTML 13Page - Linear Technology LT5503 Datasheet HTML 14Page - Linear Technology LT5503 Datasheet HTML 15Page - Linear Technology LT5503 Datasheet HTML 16Page - Linear Technology LT5503 Datasheet HTML 17Page - Linear Technology LT5503 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT5503
14
APPLICATIO S I FOR ATIO
AC-Coupled Baseband. Figure 4 shows the simplified
circuit schematic of a high-pass AC-coupled baseband
interface.
5505 F04
18k
18k
0.8pF
0.8pF
0.8pF
0.8pF
BQ+
BQ–
BI+
BI–
CCPL
CCPL
CCPL
CCPL
Q
QB
I
IB
LT5503
Figure 4. AC-Coupled Baseband Interface
With approximately 18k of differential input resistance,
the suggested minimum AC-coupling capacitor can be
determined using the following equation:
C
f
CPL
C
=
1
18 103
(•
• • )
π
where fC is the 3dB cut-off frequency of the baseband input
signal.
A larger capacitor may be used where the settling time of
charging and discharging the AC-coupling capacitor is not
critical.
DC-Coupled Baseband. The baseband inputs’ internal bias
voltage can be overdriven with an external bias circuit.
This facilitates direct interfacing to a D/A converter for
faster transient response. In this case, the LT5503’s
baseband inputs are DC biased by the converter. The
optimal VBIAS is 1.4V, independent of VCC. In general, the
maximum VBIAS should be less than VCC – 0.4V. The DC
load on each converter output can be approximated using
the following equation where IINPUT is the current flowing
into a modulator input:
I
VV
k
INPUT
BIAS
=
−
Ω
14
9
.
Figure 5 shows a simplified circuit schematic for interfac-
ing the LT5503’s baseband inputs to the outputs of a D/A
converter. OIP and OIN are the positive and negative
baseband outputs, respectively, of the converter’s
I-channel. Similarly, OQP and OQN are the positive and
negative baseband outputs, respectively, of the converter’s
Q-channel.
5505 F05
18k
18k
0.8pF
0.8pF
0.8pF
0.8pF
BQ+
BQ–
BI+
BI–
LT5503
IINPUT
IINPUT
IINPUT
IINPUT
OIP
OIN
OQP
OQN
D/A
Figure 5. DC-Coupled Baseband Interface
Modulator RF Input (MODRFIN)
The modulator RF input buffer is driven single-ended. An
internal active balun circuit produces balanced signals to
drive the integrated phase shifter. Limiters following the
phase shifter output accommodate a wide range of
MODRFIN power, resulting in minimal degradation of
modulation gain/phase accuracy performance or carrier
feedthrough. This pin is easily matched to a 50
Ω source
with the simple lowpass network shown in Figure 2. This
pin is internally biased, therefore an AC-coupling capaci-
tor is required.
Modulator VGA (Variable Gain Amp)
The VGA has two digital selection lines to provide a
nominal 0dB, 4.5dB, 9dB and 13.5dB attenuation from the
maximum modulator output power setting. The logic table
is shown below:
GC2
Attenuation
Low
High
GC1
Low
0dB
9dB
High
4.5dB
13.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com