Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 10 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology LT5503 Datasheet HTML 10Page - Linear Technology LT5503 Datasheet HTML 11Page - Linear Technology LT5503 Datasheet HTML 12Page - Linear Technology LT5503 Datasheet HTML 13Page - Linear Technology LT5503 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT5503
10
PI FU CTIO S
BQ– (Pin 1): Negative Baseband Input Pin of the Modulator
Q-Channel. This pin is internally biased to 1.4V, but can
also be overdriven with an external DC voltage greater than
1.4V, but less than VCC – 0.4V.
BQ+ (Pin 2): Positive Baseband Input Pin of Modulator Q-
Channel. This pin is internally biased to 1.4V, but can also
be overdriven with an external DC voltage greater than
1.4V, but less than VCC – 0.4V.
GC1 (Pin 3): Gain Control Pin. This pin is the least
significant bit of the four-step modulator gain control.
MODIN (Pin 4): Modulator Carrier Input Pin. This pin is
internally biased and should be AC-coupled. An external
matching network is required for a 50
Ω source.
VCCMOD (Pin 5): Power Supply Pin for the I/Q Modulator.
This pin should be externally connected to the other VCC
pins and decoupled with 1000pF and 0.1
µF capacitors.
VCCRF (Pin 6): Power Supply Pin for the I/Q Modulator
Input RF Buffer and Phase Shifter. This pin should be
externally connected to the other VCC pins and decoupled
with 1000pF and 0.1
µF capacitors.
LO1 (Pin 7): Mixer 1st LO Input Pin. This pin is internally
biased and should be AC-coupled. An external matching
network is required for a 50
Ω source.
VCCLO1 (Pin 8): Power Supply Pin for the Mixer LO1
Circuits. This pin should be externally connected to the
other VCC pins and decoupled with 1000pF and 0.1µF
capacitors.
DMODE (Pin 9): Mixer 2nd LO Divider Mode Control Pin.
Low = divide-by-2, High = divide-by-1.
MX+ (Pin 10): Mixer Positive RF Output Pin. This pin must
be connected to VCC through an external matching net-
work.
MX– (Pin 11): Mixer Negative RF Output Pin. This pin must
be connected to VCC through an external matching net-
work.
MIXEN (Pin 12): Mixer Enable Pin. When the input voltage
is higher than VCC – 0.4V, the mixer circuits supplied
through pins 8, 10, 11 and 15 are enabled. When the input
voltage is less than 0.4V, these circuits are disabled.
MODEN (Pin 13): Modulator Enable Pin. When the input
voltage is higher than VCC – 0.4V, the modulator circuits
supplied through pins 5, 6, 16 and 17 are enabled. When
the input voltage is less than 0.4V, these circuits are
disabled.
LO2 (Pin 14): Mixer 2nd LO Input Pin. This pin is internally
biased and should be AC-coupled. An external matching
network is not required, but can be used for improved
matching to a 50
Ω source.
VCCLO2 (Pin 15): Power Supply Pin for the Mixer LO2
Circuits. This pin should be externally connected to the
other VCC pins and decoupled with 1000pF and 0.1µF
capacitors.
VCCVGA (Pin 16): Power Supply Pin for the Modulator
Variable Gain Amplifier. This pin should be externally
connected to the other VCC pins through a 47Ω resistor
and decoupled with a good high frequency capacitor (2pF
typical) placed close to the pin.
MODOUT (Pin 17): Modulator RF Output Pin. This pin
must be externally biased to VCC through a bias choke. An
external matching network is required to match to 50
Ω.
GC2 (Pin 18): Gain Control Pin. This pin is the most
significant bit of the four-step modulator gain control.
BI+ (Pin 19): Positive Baseband Input Pin of the Modulator
I-Channel. This pin is internally biased to 1.4V, but can also
be overdriven with an external DC voltage greater than
1.4V, but less than VCC – 0.4V.
BI– (Pin 20): Negative Baseband Input Pin of the Modula-
tor I-Channel. This pin is internally biased to 1.4V, but can
also be overdriven with an external DC voltage greater than
1.4V, but less than VCC – 0.4V.
GROUND (Backside Contact): Circuit Ground Return for
the Entire IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com