Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 15 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT5503 Datasheet HTML 11Page - Linear Technology LT5503 Datasheet HTML 12Page - Linear Technology LT5503 Datasheet HTML 13Page - Linear Technology LT5503 Datasheet HTML 14Page - Linear Technology LT5503 Datasheet HTML 15Page - Linear Technology LT5503 Datasheet HTML 16Page - Linear Technology LT5503 Datasheet HTML 17Page - Linear Technology LT5503 Datasheet HTML 18Page - Linear Technology LT5503 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT5503
15
APPLICATIO S I FOR ATIO
Pin 16 should be connected externally to VCC through a
low value series resistor (47
Ω typical). To assure proper
output power control, a good, local high frequency AC
ground for Pin 16 is essential. The MODOUT port of the
VGA is an open collector configuration. An inductor with
high self resonance frequency is required to connect
Pin 17 to VCC as a DC return path, and as a part of the
output matching network. Additional matching compo-
nents are required to drive a 50
Ω load as shown in
Figure 2. The amplifier is designed to operate in Class A for
low distortion performance. The typical output 1dB com-
pression point (P1dB) is –3dBm at 2.45GHz. When the
differential baseband input voltages are higher than 1VP-P,
the VGA operates in Class AB mode, and the distortion
performance of the modulator is degraded. The logic
control inputs do not draw current when they are low. They
draw about 2
µA each when high.
Mixer LO1 Port
The mixer LO1 input port is the linear input to the mixer.
It consists of an active balun amplifier designed to operate
over the 1.4GHz to 2.4GHz frequency range. There is a
linear relationship between LO1 input power and
MIXRFOUT power for LO1 input levels up to approximately
–20dBm. After that, the mixer output begins to compress.
When operated in the recommended –14dBm to –8dBm
input power range, the mixer is well compressed, which in
turn creates a stable output level for the modulator input.
As shown in Figure 2, a simple lowpass matching network
is required to match this pin to 50
Ω. This pin is internally
biased, therefore an AC-coupling capacitor is required.
Mixer LO2 Port
The mixer LO2 port is designed to operate in the 50MHz to
1000MHz range. The first stage is a limiting amplifier. This
stage produces the correct output levels to drive the
internal divider circuit reliably, with LO2 input levels down
to –20dBm. The output of the divider then drives another
stage, which in turn switches the nonlinear inputs of the
double-balanced mixer. Note that the mixer output will
produce broadband noise if the LO2 signal level is too low.
The input amplifier is designed for a good match over the
entire frequency range. The only requirement (Figure 2) is
an external AC-coupling capacitor.
Mixer Output Ports (MX+/MX–)
The mixer output is a differential open collector configura-
tion. Bias current is supplied to these two pins through the
center tap of a balun as shown in Figure 2. Simple lowpass
matching is used to transform each leg of the mixer output
to 25
Ω for the balun’s 50Ω input impedance.
The balun approach provides the highest output power
and best LO1 suppression, but is not absolutely neces-
sary. It is also possible to match each output to 50
Ω and
couple power from one output. The unused output should
be terminated in the same characteristic impedance. In
this case, output power is approximately 2dB lower and
LO1 suppression degrades to approximately 15dBc. A
schematic for this approach is shown in Figure 6 where
inductors LB+ and LB– supply bias current to the mixer’s
differential outputs, and resistor RTERM terminates the
unused output.
5503 F06
10
11
RTERM
51
Ω
LB+
MX+
MX–
LB–
VCC
L5
C5
C9
CBYPASS
C6
L6
MIXRFOUT
Figure 6. 50
Ω Mixer Output Matching Without a Balun
1.9GHz
2.4GHz
L5,L6
5.6nH
2.7nH
C5, C6
1.8pF
0.68pF
C9
15pF
8.2pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com