Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 5 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 5 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT5503
5
TYPICAL PERFOR A CE CHARACTERISTICS
Modulator Supply Current vs
Supply Voltage
Modulator Shutdown Current vs
Supply Voltage
MODEN Current vs Enable
Voltage
SSB Output Power vs
I, Q Amplitude
Baseband Frequency Response
I/Q Amplitude = 1VP-P
MODRFIN and MODRFOUT
Return Loss 2.4GHz Matching
Typical SSB Spectrum
VCC1 SUPPLY VOLTAGE (V)
1.8
3.2
4.6
5.3
38
36
34
32
30
28
26
24
22
20
5503 G01
2.5
3.9
TA = 85°C
TA = 27°C
TA = –40°C
VCC1 SUPPLY VOLTAGE (V)
1.8
3.2
4.6
5.3
100
10
1
0.1
5503 G02
2.5
3.9
TA = 85°C
TA = 27°C
TA = –40°C
MODEN = LOW
MODEN VOLTAGE (V)
1.8
3.2
4.6
5.3
220
200
180
160
140
120
100
80
60
40
5503 G03
2.5
3.9
TA = 85°C
TA = –40°C
MODEN = VCC1
TA = 27°C
I, Q DIFFERENTIAL INPUT VOLTAGE (VP-P)
0.01
1
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
5503 G04
0.1
10
5.25 VDC
3 VDC
1.8 VDC
I, Q INPUT FREQUENCY (MHz)
1
0
–5
–10
–15
–20
–25
–30
–35
–40
5503 G05
0.1
10
IMAGE
CARRIER
DESIRED
SIDEBAND
FREQUENCY (MHz)
2050
–20
–10
2850
5503 G06
–30
–40
2250
2450
2650
0
MODRFOUT
MODRFIN
VCC1 = 3VDC, 2.4GHz matching, MODEN = high, GC1 = GC2 = low (max gain), TA = 27°C, MODRFIN = 2.45GHz at –16dBm, (I–IB) and
(Q–QB) = 100kHz sine at 1VP-P differential, Q leads I by 90°, unless otherwise noted. (Test circuit shown in Figure 2.)
(I/Q Modulator)
FREQUENCY (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5503 G07
2449.6
2449.8
2450.0
2450.2
2450.4
2450.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com