Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 17 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT5503 Datasheet HTML 12Page - Linear Technology LT5503 Datasheet HTML 13Page - Linear Technology LT5503 Datasheet HTML 14Page - Linear Technology LT5503 Datasheet HTML 15Page - Linear Technology LT5503 Datasheet HTML 16Page - Linear Technology LT5503 Datasheet HTML 17Page - Linear Technology LT5503 Datasheet HTML 18Page - Linear Technology LT5503 Datasheet HTML 19Page - Linear Technology LT5503 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT5503
17
Figure 7. Evaluation Circuit Schematic for 1.2GHz, 1.9GHz and 2.4GHz Applications
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
12
11
10
9
8
7
20
19
18
17
16
15
14
13
12
11
LO1IN
LO2IN
LT5503
5503 F07
1
2
3
4
5
*C9
MIXER
OUT
T1
BQ–
BQ+
GC1
MODIN
VCCMOD
VCCRF
LO1
VCCLO1
DMODE
MX+
BI–
BI+
GC2
MODOUT
VCCVGA
VCCLO2
LO2
MODEN
MIXEN
MX–
*C5
*C6
*C10
C20
1000pF
C18
1
µF
*L6
*L5
C41
1
µF
OPT
C42
1
µF
OPT
C39
4.7
µF
C17
1
µF
C33
4.7
µF
C27
0.01
µF
C32
4.7
µF
C22
1000pF
C1
2.2pF
*C7
C19
0.01
µF
*C23
*C2
C14
100pF
*C3
MODRFIN
MODRFOUT
*C11
C12
1000pF
C21
0.01
µF
C13
8.2pF
*C4
VCC2
VCC3
VCC2
VCC2
VCC1
VCC4
VCC4
VCC4
VCC4
VCC1
*L3
*L4
R2
47
Ω
*R1
*L1
*L2
21
C45
0.1
µF
C24
4.7
µF
C43
8.2pF
R4
2.7k
R8
2.7k
R7
20k
R6
20k
R5
20k
V1
E1
E4
E3
E2
V2
V4
V3
GND
J2
J7
J1
J4
J5
J6
J3
LT5503
–
+
–
+
–
+
–
+
R3
56
Ω
1%
R25
49.9
Ω
R21
10k
1%
R23
10k
1%
R13
510
Ω
1%
C34
4.7
µF
R12
56
Ω
1%
R16
510
Ω
1%
R15
510
Ω
1%
R14
510
Ω
1%
5
6
5
6
7
7
8
8
U2-1
LT1807
U2-2
LT1807
U3-1
LT1807
U3-2
LT1807
4
4
2
2
3
3
1
1
C35, 39pF
C36, 39pF
C38, 1pF
C37, 1pF
R19
510
Ω
1%
R26
49.9
Ω
R27
49.9
Ω
R17
510
Ω
1%
C40
4.7
µF
C15
1
µF
C16
1
µF R28
49.9
Ω
R18
510
Ω
1%
R20
510
Ω
1%
R22
10k
1%
C29
0.01
µF
C28
4.7
µF
R24
10k
1%
SW1
Q-IN
R29
10
Ω
I-IN
*Application Dependent Component Values
1.2GHz Matching
(Modulator Only)
1.9GHz Matching
2.4GHz Matching
L1
33nH
22nH
18nH
L2
12nH
5.6nH
2.7nH
L3
12nH
4.7nH
2.7nH
C2, C3, C7
39pF
15pF
8.2pF
C10
2.7pF
1.8pF
1.2pF
C23
n/a
1.5pF
1.5pF
R1
240
Ω
390
Ω
390
Ω
C4
n/a
15pF
8.2pF
C5, C6
n/a
1.8pF
2.2pF
C9
n/a
15pF
2.7pF
C11
n/a
2.2pF
1.2pF
L4
n/a
6.8nH
4.7nH
L5,L6
n/a
5.6nH
2.2nH
T1
n/a
LDB15C101A1900 LDB15C500A2400
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com