Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT5503 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology LT5503 Datasheet HTML 10Page - Linear Technology LT5503 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT5503
7
TYPICAL PERFOR A CE CHARACTERISTICS
Output Power vs Frequency
1.2GHz Matching
Carrier Feedthrough vs Frequency
1.2GHz Matching
SSB Image vs Frequency
1.2GHz Matching
Output Power vs Frequency
1.9GHz Matching
Carrier Feedthrough vs Frequency
1.9GHz Matching
SSB Image vs Frequency
1.9GHz Matching
Output Power vs Frequency
2.4GHz Matching
Carrier Feedthrough vs Frequency
2.4GHz Matching
SSB Image vs Frequency
2.4GHz Matching
MODRFIN FREQUENCY (MHz)
1000
1100
1200
1300
1400
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
5503 G17
GC2, GC1 = 00
01
11
10
MODRFIN FREQUENCY (MHz)
1000
1100
1200
1300
1400
5503 G18
–30
–40
–50
–60
GC2, GC1 = 00
10
11
01
MODRFIN FREQUENCY (MHz)
1000
1100
1200
1300
1400
5503 G19
–30
–40
–50
–60
GC2, GC1 = 00
10
11
01
MODRFIN FREQUENCY (MHz)
1650
1750
1850
2050
1950
2150
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
5503 G20
GC2, GC1 = 00
01
10
11
MODRFIN FREQUENCY (MHz)
1650
1750
1850
2050
1950
2150
5503 G21
–30
–40
–50
–60
GC2, GC1 = 00
10
11
01
MODRFIN FREQUENCY (MHz)
1650
1750
1850
2050
1950
2150
5503 G22
–30
–40
–50
–60
GC2, GC1 = 00
10
11
01
MODRFIN FREQUENCY (MHz)
2250
2350
2450
2650
2550
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
5503 G23
GC2, GC1 = 00
01
10
11
MODRFIN FREQUENCY (MHz)
2250
2350
2450
2650
2550
5503 G24
GC2, GC1 = 00
01
10
11
–30
–40
–50
–60
MODRFIN FREQUENCY (MHz)
2250
2350
2450
2650
2550
5503 G25
GC2, GC1 = 00
10
11
–30
–40
–50
–60
01
VCC1 = 3VDC, MODEN = high, TA = 27°C, PMODRFIN = –16dBm, (I–IB) and (Q–QB) = 100kHz sine at 1VP-P differential, Q leads I by 90°,
unless otherwise noted. (Test circuit shown in Figure 2.)
(I/Q Modulator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com