Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 6Page - Linear Technology LTC2413IGN Datasheet HTML 7Page - Linear Technology LTC2413IGN Datasheet HTML 8Page - Linear Technology LTC2413IGN Datasheet HTML 9Page - Linear Technology LTC2413IGN Datasheet HTML 10Page - Linear Technology LTC2413IGN Datasheet HTML 11Page - Linear Technology LTC2413IGN Datasheet HTML 12Page - Linear Technology LTC2413IGN Datasheet HTML 13Page - Linear Technology LTC2413IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LTC2413
10
sn2413 2413fs
GND (Pins 1, 7, 8, 9, 10, 15, 16): Ground. Multiple ground
pins internally connected for optimum ground current flow
and VCC decoupling. Connect each one of these pins to a
ground plane through a low impedance connection. All seven
pins must be connected to ground for proper operation.
VCC (Pin 2): Positive Supply Voltage. Bypass to GND
(Pin 1) with a 10
µF tantalum capacitor in parallel with
0.1
µF ceramic capacitor as close to the part as possible.
REF+ (Pin 3), REF– (Pin 4): Differential Reference Input.
The voltage on these pins can have any value between GND
and VCC as long as the reference positive input, REF+, is
maintained more positive than the reference negative
input, REF –, by at least 0.1V.
IN+ (Pin 5), IN– (Pin 6): Differential Analog Input. The voltage
on these pins can have any value between
GND – 0.3V and VCC+0.3V.Withintheselimits, theconverter
bipolar input range (VIN = IN+ – IN–) extends from –0.5 •
(VREF) to 0.5 • (VREF). Outside this input range, the converter
produces unique overrange and underrange output codes.
CS (Pin 11): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion, the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW-to-HIGH transition on CS
during the Data Output transfer aborts the data transfer
and starts a new conversion.
SDO (Pin 12): Three-State Digital Output. During the Data
Output period, this pin is used as serial data output. When
the chip select CS is HIGH (CS = VCC), the SDO pin is in a
high impedance state. During the Conversion and Sleep
periods, this pin is used as the conversion status output.
The conversion status can be observed by pulling CS LOW.
SCK (Pin 13): Bidirectional Digital Clock Pin. In Internal
Serial Clock Operation mode, SCK is used as digital output
for the internal serial interface clock during the Data
Output period. In External Serial Clock Operation mode,
SCK is used as digital input for the external serial interface
clock during the Data Output period. A weak internal pull-
up is automatically activated in Internal Serial Clock Op-
eration mode. The Serial Clock Operation mode is deter-
mined by the logic level applied to the SCK pin at power up
or during the most recent falling edge of CS.
FO (Pin 14): Frequency Control Pin. Digital input that
controls the ADC’s notch frequencies and conversion
time. When the FO pin is connected to GND (FO = 0V), the
converter uses its internal oscillator and the digital filter
rejects 50Hz and 60Hz simultaneously. When the FO pin is
driven by an external clock signal with a frequency fEOSC,
the converter uses this signal as its system clock and the
digital filter has 87dB minimum rejection in the range
fEOSC/2560 ±14% and 110dB minimum rejection at
fEOSC/2560 ±4%.
PI FU CTIO S
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
2413 G39
23
22
21
20
19
18
17
16
–45 –30 –15
0
15
30
45
60
75
90
FO = GND
CS = VCC
SCK = NC
SDO = NC
VCC = 5.5V
VCC = 2.7V
VCC = 4.1V
Sleep Current vs Temperature (TA)
OUTPUT DATA RATE (READINGS/SEC) 2413 G38
1100
1000
900
800
700
600
500
400
300
200
100
010 20 30 40 50 60 70 80 90 100
VCC = 5V
REF + = 5V
REF – = GND
IN+ = GND
IN– = GND
TA = 25°C
FO = EXTERNAL OSC
CS = GND
SCK = NC
SDO = NC
TEMPERATURE (
°C)
2413 G37
220
210
200
190
180
170
160
–45 –30 –15
0
15
30
45
60
75
90
FO = GND
CS = GND
SCK = NC
SDO = NC
VCC = 5.5V
VCC = 4.1V
VCC = 2.7V
Conversion Current vs
Output Data Rate
Conversion Current vs
Temperature (TA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com