Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 34 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 30Page - Linear Technology LTC2413IGN Datasheet HTML 31Page - Linear Technology LTC2413IGN Datasheet HTML 32Page - Linear Technology LTC2413IGN Datasheet HTML 33Page - Linear Technology LTC2413IGN Datasheet HTML 34Page - Linear Technology LTC2413IGN Datasheet HTML 35Page - Linear Technology LTC2413IGN Datasheet HTML 36Page - Linear Technology LTC2413IGN Datasheet HTML 37Page - Linear Technology LTC2413IGN Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
LTC2413
34
sn2413 2413fs
APPLICATIO S I FOR ATIO
The user can expect to achieve in practice this level of
performance using the internal oscillator, as it is demon-
strated by Figure 41. Typical measured values of the
normal mode rejection of the LTC2413 operating with the
internal oscillator are shown in Figure 41 superimposed
over the theoretical calculated curve.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2413. If passive RC components are placed in
front of the LTC2413, the input dynamic current should be
considered (see Input Current section). In cases where
large effective RC time constants are used, an external
buffer amplifier may be required to minimize the effects of
dynamic input current.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from po-
tential instabilities at large input signal levels. The propri-
etary architecture used for the LTC2413 third order modu-
lator resolves this problem and guarantees a predictable
stable behavior at input signal levels of up to 150% of full
scale. In many industrial applications, it is not uncommon
to have to measure microvolt level signals superimposed
over volt level perturbations and LTC2413 is eminently
suited for such tasks. When the perturbation is differential,
the specification of interest is the normal mode rejection
for large input signal levels. With a reference voltage
VREF = 5V, the LTC2413 has a full-scale differential input
Figure 41. Input Normal Mode Rejection vs Input
Frequency with Input Perturbation of 100% of Full Scale
INPUT FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
180
200
220
2413 F41
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF – = GND
VINCM = 2.5V
VIN(P-P) = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com