Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 7Page - Linear Technology LTC2413IGN Datasheet HTML 8Page - Linear Technology LTC2413IGN Datasheet HTML 9Page - Linear Technology LTC2413IGN Datasheet HTML 10Page - Linear Technology LTC2413IGN Datasheet HTML 11Page - Linear Technology LTC2413IGN Datasheet HTML 12Page - Linear Technology LTC2413IGN Datasheet HTML 13Page - Linear Technology LTC2413IGN Datasheet HTML 14Page - Linear Technology LTC2413IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LTC2413
11
sn2413 2413fs
TEST CIRCUITS
APPLICATIO S I FOR ATIO
FU CTIO AL BLOCK DIAGRA
Figure 2. LTC2413 State Transition Diagram
CONVERTER OPERATION
Converter Operation Cycle
The LTC2413 is a low power, delta-sigma analog-to-
digital converter with an easy to use 3-wire serial interface.
Its operation is made up of three states. The converter
operating cycle begins with the conversion, followed by
the low power sleep state and ends with the data output
(see Figure 2). The 3-wire interface consists of serial data
output (SDO), serial clock (SCK) and chip select (CS).
Initially, the LTC2413 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
While in this sleep state, power consumption is reduced by
an order of magnitude. The part remains in the sleep state
as long as CS is HIGH. The conversion result is held
indefinitely in a static shift register while the converter is
in the sleep state.
AUTOCALIBRATION
AND CONTROL
DAC
DECIMATING FIR
INTERNAL
OSCILLATOR
SERIAL
INTERFACE
ADC
∑
∫
∫
∫
GND
VCC
IN+
IN–
SDO
SCK
REF+
REF –
CS
FO
(INT/EXT)
2413 FD
–+
+
–
1.69k
SDO
2413 TA04
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
1.69k
SDO
2413 TA03
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
CONVERT
SLEEP
DATA OUTPUT
2413 F02
TRUE
FALSE
CS = LOW
AND
SCK
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com