Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2413IGN Datasheet(PDF) 26 Page - Linear Technology

Part # LTC2413IGN
Description  24-Bit No Latency ADC, with Simultaneous 50Hz/60Hz Rejection
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2413IGN Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC2413IGN Datasheet HTML 22Page - Linear Technology LTC2413IGN Datasheet HTML 23Page - Linear Technology LTC2413IGN Datasheet HTML 24Page - Linear Technology LTC2413IGN Datasheet HTML 25Page - Linear Technology LTC2413IGN Datasheet HTML 26Page - Linear Technology LTC2413IGN Datasheet HTML 27Page - Linear Technology LTC2413IGN Datasheet HTML 28Page - Linear Technology LTC2413IGN Datasheet HTML 29Page - Linear Technology LTC2413IGN Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
LTC2413
26
sn2413 2413fs
APPLICATIO S I FOR ATIO
For relatively small values of input capacitance (CIN <
0.01
µF), the voltage on the sampling capacitor settles
almost completely and relatively large values for the
source impedance result in only small errors. Such values
for CIN will deteriorate the converter offset and gain
performance without significant benefits of signal filtering
and the user is advised to avoid them. Nevertheless, when
small values of CIN are unavoidably present as parasitics
of input multiplexers, wires, connectors or sensors, the
LTC2413 can maintain its exceptional accuracy while
operating with relative large values of source resistance as
shown in Figures 18 and 19. These measured results may
be slightly different from the first order approximation
suggested earlier because they include the effect of the
actual second order input network together with the non-
linear settling process of the input amplifiers. For small CIN
values, the settling on IN+ and IN– occurs almost indepen-
dently and there is little benefit in trying to match the
source impedance for the two pins.
Larger values of input capacitors (CIN > 0.01µF) may be
required in certain configurations for antialiasing or gen-
eral input signal filtering. Such capacitors will average the
input sampling charge and the external source resistance
will see a quasi constant input differential impedance.
When internal oscillator is used (FO= LOW), the typical
differential input resistance is 2M
Ω which will generate a
gain error of approximately 0.25ppm for each ohm of
source resistance driving IN+ or IN–. When FO is driven by
an external oscillator with a frequency fEOSC (external
conversion clock operation), the typical differential input
resistance is 0.28 • 1012/fEOSCΩ and each ohm of
source resistance driving IN+ or IN– will result in
1.78 • 10–6 • fEOSCppm gain error. The effect of the source
resistance on the two input pins is additive with respect to
this gain error. The typical +FS and –FS errors as a function
of the sum of the source resistance seen by IN+ and IN– for
large values of CIN are shown in Figures 20 and 21.
In addition to this gain error, an offset error term may also
appear. The offset error is proportional with the mismatch
between the source impedance driving the two input pins
IN+ and IN– and with the difference between the input and
reference common mode voltages. While the input drive
circuit nonzero source impedance combined with the
converter average input current will not degrade the INL
performance, indirect distortion may result from the modu-
lation of the offset error by the common mode component
of the input signal. Thus, when using large CIN capacitor
values, it is advisable to carefully match the source imped-
ance seen by the IN+ and IN– pins. When internal oscillator
is used (FO = LOW), every 1Ω mismatch in source imped-
ance transforms a full-scale common mode input signal
into a differential mode input signal of 0.25ppm. When FO
is driven by an external oscillator with a frequency fEOSC,
every 1
Ω mismatch in source impedance transforms a
full-scale common mode input signal into a differential
mode input signal of 1.78 • 10–6 • fEOSCppm. Figure 22
shows the typical offset error due to input common mode
voltage for various values of source resistance imbalance
between the IN+ and IN– pins when large CIN values are
used.
If possible, it is desirable to operate with the input signal
common mode voltage very close to the reference signal
common mode voltage as is the case in the ratiometric
measurement of a symmetric bridge. This configuration
eliminates the offset error caused by mismatched source
impedances.
The magnitude of the dynamic input current depends upon
the size of the very stable internal sampling capacitors and
upon the accuracy of the converter sampling clock. The
accuracy of the internal clock over the entire temperature
and power supply range is typical better than 0.5%. Such
a specification can also be easily achieved by an external
clock. When relatively stable resistors (50ppm/
°C) are
used for the external source impedance seen by IN+ and
IN–, the expected drift of the dynamic current, offset and
gain errors will be insignificant (about 1% of their respec-
tive values over the entire temperature and voltage range).
Even for the most stringent applications a one-time cali-
bration operation may be sufficient.
In addition to the input sampling charge, the input ESD
protection diodes have a temperature dependent leakage
current. This current, nominally 1nA (
±10nA max), results
in a small offset shift. A 100
Ω source resistance will create
a 0.1
µV typical and 1µV maximum offset voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com